Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 21Page - Cirrus Logic CS4218 Datasheet HTML 22Page - Cirrus Logic CS4218 Datasheet HTML 23Page - Cirrus Logic CS4218 Datasheet HTML 24Page - Cirrus Logic CS4218 Datasheet HTML 25Page - Cirrus Logic CS4218 Datasheet HTML 26Page - Cirrus Logic CS4218 Datasheet HTML 27Page - Cirrus Logic CS4218 Datasheet HTML 28Page - Cirrus Logic CS4218 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
SERIAL MODE 5 (SM5)
The Serial Mode 5 is compatible with the Phil-
lips I
2S serial protocol. SM5 is enabled by
setting SMODE3 = 0, SMODE2 = 0, and
SMODE1 = 1. This is a master mode fixed at
64 BPF.
Figure 21 shows the frame format of the SM5.
Figure 22 shows the detailed frame format.
The multi-function pins MF4, MF7, and MF8
are not used in this mode. MF4 should be tied
to VD, and MF7 and MF8 should be tied to
ground.
Figures 11 & 12 illustrate the serial data in,
SDIN, and serial data out, SDOUT, sub-frames
for SM5.
Sample Frequency Selection
The multifunction pins MF1:F1, MF2:F2, and
MF3:F3 are used to select the sample frequency
divider. Table 3 lists the decoding for the sample
frequency select pins where the sample fre-
quency selected is CLKIN/N. Also shown are the
sample frequencies obtained by using one of two
example master clocks. A change in sample rate
will automatically initiate a calibration cycle.
Word A
Word B
FRAME n
64 SCLK Periods
Word A
Word B
FRAME (n+1)
Word A
Word B
FRAME (n+2)
Word A
Word B
FRAME (n+3)
Word A
Word B
FRAME (n+4)
SSYNC
DATA
1 SCLK
Figure 21. Serial Mode 5
MSB
SCLK
SSYNC
MSB
32 CLOCKS
32 CLOCKS
LSB
Word A
Word B
LSB
SDIN
SDOUT
LSB
FRAME
Figure 22. Detailed Serial Mode 5.
CS4218
DS135F1
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com