Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 12Page - Cirrus Logic CS4218 Datasheet HTML 13Page - Cirrus Logic CS4218 Datasheet HTML 14Page - Cirrus Logic CS4218 Datasheet HTML 15Page - Cirrus Logic CS4218 Datasheet HTML 16Page - Cirrus Logic CS4218 Datasheet HTML 17Page - Cirrus Logic CS4218 Datasheet HTML 18Page - Cirrus Logic CS4218 Datasheet HTML 19Page - Cirrus Logic CS4218 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
SCLK must be generated externally. When the
codec is the serial port master, the serial port sig-
nal transitions are controlled with respect to the
internal analog sampling clock to minimize the
amount of digital noise coupled into the analog
section. Since SSYNC and SCLK are externally
derived when the codec slaves to the serial port,
optimum noise management cannot be obtained;
therefore, master modes should be used when-
ever possible. Multiplier sub-modes are identical
to the SM3 modes except the master clock,
CLKIN, is internally multiplied by 16. A
0.47
µF capacitor must be tied to the FILT pin
when using the Multiplier sub-modes.
Master Clock Frequency
In SM3-M and SM3-S sub-modes, the master
clock, CLKIN, must be 256
× Fsmax. For exam-
ple, given a 48 kHz maximum sample frequency,
th e
maste r
clo ck
fr eq ue nc y
mu st
be
12.288 MHz. In SM3-MM and SM3-MS sub-
mo de s, CLKIN mu st be 16xFsmax.
Fo r
example, given a 48 kHz maximum sample fre-
quency, the master clock frequency must be
768 kHz. SCLK and SSYNC must be synchro-
nous to the master clock.
Sub-frame
Word B
Word A
DAC - Left Word
00 0 0
00
DAC - Right Word
00
0
Sub-frame
Figure 11. Serial Data Input Format - SM3, SM5.
Sub-frame
Word B
Word A
ADC - Left Word
0
ADC - Right Word
X
0 0 010 00 0
000 0
00 00
Sub-frame
Figure 12. Serial Data Output Format - SM3, SM5.
CS4218
16
DS135F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com