Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 28Page - Cirrus Logic CS4218 Datasheet HTML 29Page - Cirrus Logic CS4218 Datasheet HTML 30Page - Cirrus Logic CS4218 Datasheet HTML 31Page - Cirrus Logic CS4218 Datasheet HTML 32Page - Cirrus Logic CS4218 Datasheet HTML 33Page - Cirrus Logic CS4218 Datasheet HTML 34Page - Cirrus Logic CS4218 Datasheet HTML 35Page - Cirrus Logic CS4218 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
SSYNC - Serial Port Sync Signal, PIN 1(L), 39(Q).
Indicates the start of a digital audio frame. SSYNC must be synchronous to the master clock.
SMODE1 - Serial Mode Select, PIN 29(L), 23(Q).
One of three pins that select the serial mode and function of the multifunction pins.
SMODE2 - Serial Mode Select, PIN 32(L), 26(Q).
One of three pins that select the serial mode and function of the multifunction pins.
SMODE3 - Serial Mode Select, PIN 41(L), 35(Q).
One of three pins that select the serial mode and function of the multifunction pins.
Multifunction Digital Pins
MF1:F1 - Format bit 1 in SM3 and SM5, PIN 40(L), 34(Q).
In SM3-M, SM3-MM, and SM5, this pin is a format bit and is used as one of three sample
frequency select pins, or as one of two bits-per-frame select pins when in SM3-S or SM3-MS.
MF1:CDOUT - Control Data Output in SM4, PIN 40(L), 34(Q).
In serial mode 4 this pin is the data output for the control port which contains status
information.
MF2:F2 - Format bit 2 in SM3 and SM5, PIN 39(L), 33(Q).
In SM3-M, SM3-MM, and SM5, this pin is a format bit and is used as one of three sample
frequency select pins , or as one of two bits-per-frame select pins when in SM3-S or SM3-MS.
MF2:CDIN - Control Data Input in SM4, PIN 39(L), 33(Q).
In SM4 this pin is the control port data input which contains data such as gain and attenuation
settings as well as input select, mute, and digital output bits.
MF3:F3 - Format bit 3 in SM3 and SM5, PIN 35(L), 29(Q).
In SM3-M, SM3-MM, and SM5, this pin is a format bit and is used as one of three sample
frequency select pins. In SM3-S and SM3-MS, the pin reverts to being a general purpose input.
MF3:CCLK - Control Data Clock in SM4, PIN 35(L), 29(Q).
In SM4 this pin is the control port serial bit clock which latches data from CDIN on the falling
edge, and outputs data onto CDOUT on the rising edge.
MF4:MA - Master sub-mode in SM3, PIN 36(L), 30(Q).
In SM3, this pin selects either master or slave sub-modes. When MF4:MA = 1, the codec is in
master sub-modes and outputs SSYNC and SCLK. When MF4:MA = 0, the codec is in slave
sub-modes and receives SSYNC and SCLK from an external source that must be frequency
locked to CLKIN.
MF4 - SM5, PIN 36(L), 30(Q).
In SM5, this pin is not used and should be tied to VD.
CS4218
32
DS135F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com