Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 17Page - Cirrus Logic CS4218 Datasheet HTML 18Page - Cirrus Logic CS4218 Datasheet HTML 19Page - Cirrus Logic CS4218 Datasheet HTML 20Page - Cirrus Logic CS4218 Datasheet HTML 21Page - Cirrus Logic CS4218 Datasheet HTML 22Page - Cirrus Logic CS4218 Datasheet HTML 23Page - Cirrus Logic CS4218 Datasheet HTML 24Page - Cirrus Logic CS4218 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
ignored and the sample frequency is linearly
scaled with SCLK. (The CLKIN pin must be
tied low.) This mode also fixes SCLK at 256 bits
per frame with MF7:SFS1 and MF8:SFS2 select-
ing the particular sub-frame. This master
clocking option is not available in the multiplier
(SM3-MS) sub-mode.
Multiplier Sub-Modes (SM3-MM and
SM3-MS)
The SM3 Multiplier sub-modes are identical to
the SM3-M and SM3-S sub-modes with the fol-
lowing exceptions:
• Set SMODE1 = SMODE2 = SMODE3 = 0.
This selects SM3 Multiplier mode.
• CLKIN must be 16*Fs, as opposed to
256*Fs used for SM3-M and SM3-S.
• A 0.47uF capacitor must be connected to the
FILT pin as shown in Figure 8.
Master / Slave setup, frame formats, and sample
rate selection are identical to SM3-M and SM3-
S. Please note that the MF1:F1 = MF2:F2 = 1
slave configuration supported by the SM3-S sub-
mode it not available in SM3-MS sub-mode.
Sub-frame 1
FRAME (n+1)
Word A
Word B
Sub-frame 1
Word A
Word B
FRAME n
64 SCLK Periods
FRAME (n+2)
Sub-frame 1
Word A
Word B
FRAME (n+3)
Sub-frame 1
Word A
Word B
SSYNC
DATA
SFS2
SFS1 frame
00
1
MF8: MF7: Sub-
Figure 16. SM3-S and SM3-MS - 64 BPF; MF1:F1, MF2:F2 = 00
Sub-frame 1
Sub-frame 2
FRAME (n+1)
Word A
Word B
Word A
Word B
Sub-frame 1
Word A
Word B
FRAME n
128 SCLK Periods
Sub-frame 2
Word A
Word B
FRAME (n+2)
Sub-frame 1
Word A
Word B
SSYNC
DATA
SFS2
SFS1 frame
0
0
0
1
1
2
MF8: MF7: Sub-
Figure 17. SM3-S and SM3-MS - 128 BPF; MF1:F1, MF2:F2 = 01
Sub-frame 1
Sub-frame 2
Sub-frame 3
Sub-frame 4
FRAME (n+1)
Word A
Word B
Word A
Word B
Word A
Word B
Word A
Word B
FRAME n
Sub-frame 1
Word A
Word B
256 SCLK Periods
SSYNC
DATA
SFS2
SFS1 frame
0
0
1
1
0
1
0
1
1
2
3
4
MF8:
MF7: Sub-
Figure 18. SM3-S and SM3-MS - 256 BPF; MF1:F1, MF2:F2 = 10
CS4218
DS135F1
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com