Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 20Page - Cirrus Logic CS4218 Datasheet HTML 21Page - Cirrus Logic CS4218 Datasheet HTML 22Page - Cirrus Logic CS4218 Datasheet HTML 23Page - Cirrus Logic CS4218 Datasheet HTML 24Page - Cirrus Logic CS4218 Datasheet HTML 25Page - Cirrus Logic CS4218 Datasheet HTML 26Page - Cirrus Logic CS4218 Datasheet HTML 27Page - Cirrus Logic CS4218 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Serial Control Port (SM4)
Serial Mode 4 separates the audio data from the
control data. Since control data such as gain and
attenuation do not change often, this mode re-
duces the bandwidth needed to support the audio
serial port.
The control information is entered through a
separate port that can be asynchronous to the
audio port and only needs to be updated when
changes in the control data are needed. After a
reset or power down, the control port must be
written once to initialize it if the port will be ac-
cessed to read or write control bits. This initial
write is considered a "dummy" write since the
data is ignored by the codec. A second write is
needed to configure the codec as desired. Then,
the control port only needs to be written to when
a change is desired, or to obtain the status infor-
mation. The control port does not function if the
master clock is not operating. When the control
port is used asynchronously to the audio port,
the noise performance may be slightly degraded
due to the asynchronous digital noise.
Since control data does not need to be accessed
each audio frame, an interrupt pin, MF5:INT, is
included in this mode and will go low when
status has changed. The control port serial data
format is illustrated in Figure 20. The control
port uses one of the multifunction pins as a chip
select line, MF4:CCS, that must be low for en-
tering control data. Although only 23 bits
contain useful data on MF2:CDIN, a minimum
of 31 bits must be written. If more than 31 bits
are written without toggling MF4:CCS, only the
first 31 are recognized. MF1:CDOUT contains
status information that is output on the rising
edge of MF3:CCLK. Status information is re-
p ea t ed at t h e e nd of t h e fr am e , bi ts 25
through 30, to allow a simple 8-bit shift and
latch register to store the most important status
information using the rising edge of MF4:CCS at
the latch control (see Appendix B).
Interrupt Pin - MF5:INT
Serial Mode 4 defines the multifunction pin
MF5:INT as an open-collector interrupt pin. In
SM4, this pin requires a pullup resistor and will
go low when the ADV bit or DI1 pin change, or
a rising edge on the LCL or RCL bits occurs, or
by exiting an SCLK out of range condition (Er-
ror = 3). The interrupt may be masked by setting
the MASK bit in the control serial data port.
MF5:INT is reset by reading the control serial
port.
MF4:CCS
MF3:CCLK
1 0 3
0
Err
Version
MF2:CDIN
MF1:CDOUT
0
00 0 1
Left
A/D Gain
3
0
Right
A/D Gain
3
0
Left
D/A Att.
40
Right
D/A Att.
40
10
Err
0 000 00 00
0
Figure 20. SM4 - Control Serial Port
CS4218
24
DS135F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com