Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 36Page - Cirrus Logic CS4218 Datasheet HTML 37Page - Cirrus Logic CS4218 Datasheet HTML 38Page - Cirrus Logic CS4218 Datasheet HTML 39Page - Cirrus Logic CS4218 Datasheet HTML 40Page - Cirrus Logic CS4218 Datasheet HTML 41Page - Cirrus Logic CS4218 Datasheet HTML 42Page - Cirrus Logic CS4218 Datasheet HTML 43Page - Cirrus Logic CS4218 Datasheet HTML 44Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
Appendix C: Setting CLKIN/SCLK Ratio for Desired Sample Rate
In Slave sub-modes, the CS4218 detects the ratio between the CLKIN and SCLK rates and sets the
internal sample rate accordingly. The following formula can be used to determine the ratio of CLKIN
to SCLK for any desired sample rate for both Serial Modes 3 and 4, Slave sub-modes.
CLKIN
SCLK
=
(256 × Fsmax)
(BPF × Fs)
where:
CLKIN = Master clock input
In SM3 Multiplier Slave sub-mode, CLKIN is replaced by 16* CLKIN.
SCLK
= Serial port bit clock.
Fsmax
= Maximum system sample rate.
Fs
= Desired sample rate.
BPF
= The number of bits per frame (256, 128, 64 or 32)
Example 1: SM3-S, Fsmax = 48 kHz, Fs = 8 kHz, BPF = 64
CLKIN
SCLK
=
(256 × 48000)
(64 × 8000)
=
12.288 MHz
512 kHz
= 24
Example 2: SM4-S, Fsmax = 8 kHz, Fs = 8 kHz, BPF = 32
CLKIN
SCLK
=
(256 × 8000)
(32 × 8000)
=
2.048 MHz
256 kHz
= 8
CS4218
DS135F1
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com