Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 7Page - Cirrus Logic CS4218 Datasheet HTML 8Page - Cirrus Logic CS4218 Datasheet HTML 9Page - Cirrus Logic CS4218 Datasheet HTML 10Page - Cirrus Logic CS4218 Datasheet HTML 11Page - Cirrus Logic CS4218 Datasheet HTML 12Page - Cirrus Logic CS4218 Datasheet HTML 13Page - Cirrus Logic CS4218 Datasheet HTML 14Page - Cirrus Logic CS4218 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
0.1
µF
2.0
1
µF
0.1
µF
+
24
4
VA
VD
23
5
+5V
Supply
1
µF
+
CS4218
AGND
DGND
DI1
DO1
33
37
RIN2
26
Line In 2
Right
Ferrite Bead
Note: AGND and DGND pins MUST be on the same ground plane
+
40 k
40 k
ROUT
LOUT
15
16
REFBYP
21
0.1
µF
+
10
µF
REFGND
22
+
> 1.0
µF
> 1.0
µF
0.0022
µF
NPO
0.0022
µF
NPO
Right
Audio
Output
Left
Audio
Output
PDN
SDOUT
SCLK
SSYNC
RESET
SDIN
2
13
42
44
1
43
Controller
CLKIN
3
MF7:SFS1
MF8:SFS2
SMODE1
31
30
29
Mode
Setting
32
SMODE2
41
SMODE3
LIN2
28
Line In 2
Left
RIN1
25
Line In 1
Right
REFBUF
20
0.47
µF
To Optional
Input Buffers
LIN1
27
Line In 1
Left
+5V
Analog
If a separate +5V
Analog supply is used, remove
the 2.0 ohm resistor
See
Analog Inputs section
for suggested input ciruits.
Refer to the
Analog Inputs
section for terminating
unused line inputs.
All other unused inputs
should be tied to GND. All NC
pins should be left floating.
MF3:DI3/F3/CCLK
MF6:DI2/F1
MF1:F1/CDOUT
MF2:F2/CDIN
36
35
34
40
39
38
MF5:DO2/INT
MF4:MA/CCS
Parallel Bits
Sub-Mode
or
Settings
or
Control Port
FILT
Required only for SM3
Multiplier Sub-Mode
0.47
µF
FILT
C
6
Figure 8. Typical Connection Diagram
CS4218
DS135F1
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com