Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 16Page - Cirrus Logic CS4218 Datasheet HTML 17Page - Cirrus Logic CS4218 Datasheet HTML 18Page - Cirrus Logic CS4218 Datasheet HTML 19Page - Cirrus Logic CS4218 Datasheet HTML 20Page - Cirrus Logic CS4218 Datasheet HTML 21Page - Cirrus Logic CS4218 Datasheet HTML 22Page - Cirrus Logic CS4218 Datasheet HTML 23Page - Cirrus Logic CS4218 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Slave Sub-Mode (SM3-S)
In SM3, Slave sub-mode is selected by setting
MF4:MA = 0 which configures SSYNC and
SCLK as inputs to the CS4218. These two sig-
nals must be externally derived from CLKIN. In
SM3-S and SM3-MS sub-modes, the phase rela-
tionship between SCLK/SSYNC and CLKIN
cannot be controlled since SCLK and SSYNC
are externally derived. Therefore, the noise per-
formance may be slightly worse than when using
the master sub-modes.
The number of sub-frames on the serial port is
selected using MF1:F1 and MF2:F2. In SM3-S
and SM3-MS sub-modes, MF3:F3 works as an
additional general purpose input DI3. Figures 16
through 18 illustrate the SM3-S and SM3-MS
sub-mode formats.
Bits per Frame (Slave Sub-Modes)
In slave sub-modes, MF1:F1 and MF2:F2 select
the number of bits per frame, which determines
how many CS4218s can occupy one serial port.
Table 4 lists the decoding for MF1:F1 and
MF2:F2.
When set for 64 SCLKs per frame, one device
occupies the entire frame; therefore, a sub-frame
is equ ivalen t to a frame. MF7:SFS1 and
MF8:SFS2 must be set to zero.
When set for 128 SCLKs per frame, two devices
can occupy the serial port, with MF7:SFS1 se-
lecting the particular sub-frame. MF8:SFS2 must
be set to zero. See Figure 17.
When set for 256 SCLKs per frame (MF1:F1,
MF2:F2 = 10), four devices can occupy the se-
rial port. In this format both MF8:SFS2 and
MF7:SFS1 are used to select the particular sub-
frame.
In all three of the above slave sub-mode formats,
the frequency of the incoming SCLK signal, in
relation to the master clock provided on the
CLKIN pin, determines the sample frequency.
The CS4218 determines the ratio of SCLK to
CLKIN and sets the internal operating frequency
accordingly. Table 5 lists the SCLK to CLKIN
frequency ratio used to determine the codec’s
sample frequency. To obtain a given sample fre-
quency, SCLK must equal CLKIN divided by
the number in the table, based on the number of
bits per frame. As an example for SM3-S, as-
su ming 64 BPF (b its per frame) an d
CLKIN = 12.288 MHz, if a sample frequency of
24 kHz is desired, SCLK must equal CLKIN di-
vided by 8 or 1.536 MHz. A change in sample
rate automatically initiates a calibration cycle.
When MF1:F1 = MF2:F2 = 1, SCLK is used as
the master clock and is assumed to be 256 times
the sample frequency. In this mode, CLKIN is
MF1:
MF2:
Bits per
Sample Frequency/
F1
F2
Frame
SCLK
0
0
64
ratio to CLKIN sensed
0
1
128
ratio to CLKIN sensed
1
0
256
ratio to CLKIN sensed
1
1
256
fixed
†. = 256×Fs
† SCLK is master clock. CLKIN is not used. Not
available in Multiplier Slave sub-mode.
Table 4. SM3-S/SM3-MS, Bits per Frame.
SCLK to CLKIN Ratio
Fs (kHz)
Fs (kHz)
BPF
BPF
BPF
with CLKIN with CLKIN
or 16xCLKIN or 16xCLKIN
256
128
64
12.288 MHz 11.2896 MHz
1
2
4
48.00
44.10
1.5
3
6
32.00
29.40
2
4
8
24.00
22.05
2.5
5
10
19.20
17.64
3
6
12
16.00
14.70
4
8
16
12.00
11.025
5
10
20
9.60
8.82
6
12
24
8.00
7.35
Table 5. SM3-S/SM3-MS, Fs Select.
CS4218
20
DS135F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com