Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4218 Datasheet HTML 1Page - Cirrus Logic CS4218 Datasheet HTML 2Page - Cirrus Logic CS4218 Datasheet HTML 3Page - Cirrus Logic CS4218 Datasheet HTML 4Page - Cirrus Logic CS4218 Datasheet HTML 5Page - Cirrus Logic CS4218 Datasheet HTML 6Page - Cirrus Logic CS4218 Datasheet HTML 7Page - Cirrus Logic CS4218 Datasheet HTML 8Page - Cirrus Logic CS4218 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
SWITCHING CHARACTERISTICS (TA = 25°C; VA, VD = +5V, outputs loaded with 30 pF; Input
Levels: Logic 0 = 0V, Logic 1 = VD)
Parameter
Symbol
Min
Typ
Max
Units
Input clock (CLKIN) frequency
SM3 Multiplier Mode
CLKIN
64
768
800
KHz
SM3 Master and Slave Modes, SM4, SM5
CLKIN
1.024
12.288
12.8
MHz
CLKIN low time
tckl
15
-
-
ns
CLKIN high time
tckh
15
-
-
ns
Sample Rate
(Note 1)
Fs
4
-
50
kHz
DI pins setup time to SCLK edge
(Note 1)
ts2
10
-
-
ns
DI pins hold time from SCLK edge
(Note 1)
th2
8-
-
ns
DO pins delay from SCLK edge
tpd2
-
-
30
ns
SCLK and SSYNC output
All master Modes (Note 1)
tpd3
-
-
50
ns
delay from CLKIN rising
SCLK period
All master Modes (Notes 1,7)
tsckw
-
1/(Fs*bpf)
-
s
Slave Mode
75
-
-
ns
SCLK high time
Slave Mode
tsckh
30
-
-
ns
SCLK low time
Slave Mode
tsckl
30
-
-
ns
SDIN, SSYNC setup time to SCLK edge
Slave Mode
ts1
15
-
-
ns
SDIN, SSYNC hold time from SCLK edge
Slave Mode
th1
10
-
-
ns
SDOUT delay from SCLK edge
tpd1
-
-
28
ns
Output to Hi-Z state
bit 64 (Note 1)
thz
-
-
12
ns
Output to non-Hi-Z
bit 1 (Note 1)
tnz
15
-
-
ns
RESET pulse width low
500
-
-
ns
CCS low to CCLK rising
SM4 (Note 1)
tcslcc
25
-
-
ns
CDIN setup to CCLK falling
SM4 (Note 1)
tdiscc
15
-
-
ns
CCLK low to CDIN invalid (hold time)
SM4 (Note 1)
tccdih
10
-
-
ns
CCLK high time
SM4 (Note 1)
tcclhh
25
-
-
ns
CCLK low time
SM4 (Note 1)
tcclhl
25
-
-
ns
CCLK Period
SM4 (Note 1)
tcclkw
75
-
-
ns
CCLK rising to CDOUT data valid
SM4 (Note 1)
tccdov
-
-
30
ns
CCLK rising to CDOUT Hi-Z
SM4 (Note 1)
tccdot
-
-
30
ns
CCLK falling to CCS high
SM4 (Note 1)
tcccsh
0-
-
ns
RESET low time prior to PDN rising
trph
100
-
-
ns
RESET low hold time after PDN rising
trhold
50
-
-
ms
Notes:
7. When the CS4218 is in master modes (SSYNC and SCLK outputs), the SCLK duty cycle is 50%.
The equation is based on the selected sample frequency (Fs) and the number of bits per frame (bpf).
CS4218
DS135F1
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com