Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 19Page - Cirrus Logic CS4218 Datasheet HTML 20Page - Cirrus Logic CS4218 Datasheet HTML 21Page - Cirrus Logic CS4218 Datasheet HTML 22Page - Cirrus Logic CS4218 Datasheet HTML 23Page - Cirrus Logic CS4218 Datasheet HTML 24Page - Cirrus Logic CS4218 Datasheet HTML 25Page - Cirrus Logic CS4218 Datasheet HTML 26Page - Cirrus Logic CS4218 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
In Master sub-mode, multifunction pins MF6:F1,
MF7:F2, and MF8:F3 select the sample fre-
quency as shown in Table 7. This table indicates
how to obtain standard audio sample frequencies
g i ve n on e of tw o CLK IN fr eq ue ncies:
12.288 MHz or 11.2896 MHz. Other CLKIN fre-
quencies may be used with the corresponding
sample frequencies being CLKIN/N. A change in
sample rate automatically initiates a calibration
cycle.
Slave Sub-Mode (SM4)
In SM4, Slave sub-mode is selected by setting
SMODE1,SMODE2 = 01. This mode configures
SSYNC and SCLK as inputs to the CS4218.
These two signals must be externally derived
from CLKIN. Since the CS4218 has no control
over the phase relationship of SSYNC and
SCLK to CLKIN, the noise performance in
Slave sub-mode may be slightly worse than
when using Master sub-mode. The CS4218 inter-
nally sets the sample frequency by sensing the
ratio of SCLK to CLKIN; therefore, for a given
CLKIN frequency, the sample frequency is se-
lected by changing the SCLK frequency. A
change in sample rate automatically initiates a
calibration cycle. Table 9 shows the sample rates
generated with two example clocks.
SM4-Slave allows up to four codecs to occupy
the same audio serial port. Table 8 lists the pin
configurations required to set the serial audio
port up for 32, 64, or 128 bits-per-frame (BPF).
Since each codec requires one sub-frame of
32 bits, 64 bits-per-frame allows up to two
codecs to occupy the same audio serial port, and
128 bits-per-frame allows up to four codecs to
occupy the same audio serial port. When set up
for more than one codec on the bus, other pins
are needed to select the particular time slot (TS)
associated with each codec. MF8:SFS2 selects
the time slot when in 64 BPF mode, and
MF8:SFS2 and MF7:SFS1 select one of four
time slots when in 128 bits-per-frame mode. Ta-
ble 8 lists the decoding for time slot selection.
Fs (kHz)
MF6:
MF7:
MF8:
N
with CLKIN
F1
F2
F3
12.288
11.2896
MHz
MHz
0
0
0
256
48.00
44.10
0
0
1
384
32.00
29.40
0
1
0
512
24.00
22.05
0
1
1
640
19.20
17.64
1
0
0
768
16.00
14.70
1
0
1
1024
12.00
11.025
1
1
0
1280
9.60
8.82
1
1
1
1536
8.00
7.35
Table 7. SM4-Master, Fs Select
MF6:
MF7:
MF8:
Bits Per
Time
F1
SFS1
SFS2
Frame
Slot
(BPF)
(TS)
000
32
1
001
Reserved
010
64
1
011
64
2
100
128
1
110
128
2
101
128
3
111
128
4
Table 8. SM4-Slave, Audio Port BPF & TS Select
SCLK to CLKIN Ratio
Fs (kHz)
Fs (kHz)
BPF
BPF
BPF
with CLKIN with CLKIN
128
64
32
12.288 MHz 11.2896 MHz
2
4
8
48.00
44.10
3
6
12
32.00
29.40
4
8
16
24.00
22.05
5
10
20
19.20
17.64
6
12
24
16.00
14.70
8
16
32
12.00
11.025
10
20
40
9.60
8.82
12
24
48
8.00
7.35
Table 9. SM4-Slave, Fs Select.
CS4218
DS135F1
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com