Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 3 Page - Cirrus Logic

  CS4218 Datasheet HTML 1Page - Cirrus Logic CS4218 Datasheet HTML 2Page - Cirrus Logic CS4218 Datasheet HTML 3Page - Cirrus Logic CS4218 Datasheet HTML 4Page - Cirrus Logic CS4218 Datasheet HTML 5Page - Cirrus Logic CS4218 Datasheet HTML 6Page - Cirrus Logic CS4218 Datasheet HTML 7Page - Cirrus Logic CS4218 Datasheet HTML 8Page - Cirrus Logic CS4218 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
ANALOG CHARACTERISTICS( TA = 25°C; VA, VD = +5V; Input Levels: Logic 0 = 0V,
Logic 1 = VD; 1kHz Input Sine Wave; CLKIN = 12.288 MHz; SM3 Slave sub-mode, 256 BPF; 0dB gain/attenu-
ation;Conversion Rate = 48 kHz; SCLK = 12.288 MHz; Measurement Bandwidth is 10 Hz to 20 kHz; Unless oth-
erwise specified.)
Parameter *
Symbol
Min
Typ
Max
Units
Analog Input Characteristics - Minimum gain setting (0 dB); unless otherwise specified.
ADC Resolution
16
-
-
Bits
ADC Differential Nonlinearity
(Note 1)
-
-
±0.9
LSB
Instantaneous Dynamic Range
(Note 3)
IDR
80
84
-
dB
Total Harmonic Distortion
THD
-
-
0.02
%
Interchannel Isolation
-
80
-
dB
Interchannel Gain Mismatch
-
-
±0.5
dB
Frequency Response
(Note 1)
-0.5
-
+0.2
dB
Programmable Input Gain
-
22.5
-
dB
Gain Step Size
-
1.5
-
dB
Absolute Gain Step Error
-
-
0.75
dB
Gain Drift
(Note 1)
-
100
-
ppm/
°C
Offset Error
0dB Gain
-
-
±50
LSB
22.5dB Gain
-
−±500
LSB
Full Scale Input Voltage
2.5
2.8
3.1
Vpp
Input Resistance
(Notes 1,2)
20
-
-
k
Ω
Input Capacitance
(Note 1)
-
-
15
pF
Notes:
1. This specification is guaranteed by characterization, not production testing.
2. Input resistance is for the input selected. Non-selected inputs have a very high (>1M
Ω) input resistance.
3. Operation in Slave sub-modes may yield results lower than the 80 dB minimum.
* Parameter definitions are given at the end of this data sheet.
Specifications are subject to change without notice.
RECOMMENDED OPERATING CONDITIONS (AGND, DGND = 0V, all voltages with respect
to 0V.)
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies:
Digital
VD
4.75
5.0
5.25
V
Digital (Low Voltage)
VD
3.0
3.3
3.6
V
Analog
VA
4.75
5.0
5.25
V
Operating Ambient Temperature
TA
025
70
°C
CS4218
DS135F1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com