Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 4 Page - Cirrus Logic

  CS4218 Datasheet HTML 1Page - Cirrus Logic CS4218 Datasheet HTML 2Page - Cirrus Logic CS4218 Datasheet HTML 3Page - Cirrus Logic CS4218 Datasheet HTML 4Page - Cirrus Logic CS4218 Datasheet HTML 5Page - Cirrus Logic CS4218 Datasheet HTML 6Page - Cirrus Logic CS4218 Datasheet HTML 7Page - Cirrus Logic CS4218 Datasheet HTML 8Page - Cirrus Logic CS4218 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ANALOG CHARACTERISTICS (Continued)
Parameter *
Symbol
Min
Typ
Max
Units
Analog Output Characteristics - Minimum Attenuation; Unless Otherwise Specified.
DAC Resolution
16
-
-
Bits
DAC Differential Nonlinearity
(Note 1)
-
-
±0.9
LSB
Total Dynamic Range
TDR
-
93
-
dB
Instantaneous Dynamic Range
IDR
80
83
-
dB
Total Harmonic Distortion
(Note 4)
THD
-
-
0.02
%
Interchannel Isolation
(Note 4)
-
80
-
dB
Interchannel Gain Mismatch
-
-
±0.5
dB
Frequency Response
(Note 1)
-0.5
-
+0.2
dB
Programmable Attenuation
(Note 5)
-
-46.5
-
dB
Attenuation Step Size
(Note 5)
-
1.5
-
dB
Absolute Attenuation Step Error
(Note 5)
-
-
0.75
dB
Gain Drift
(Note 1)
-
100
-
ppm/
°C
REFBUF Output Voltage
(Note 6)
1.9
2.1
2.3
V
Maximum output current= 400
µA
Offset Voltage
(Note 7)
-
10
-
mV
Full Scale Output Voltage
(Note 4)
2.4
2.7
3.1
Vpp
External Load Impedance
10k
-
-
Ω
Internal Resistor Value for LOUT and ROUT
400
600
800
Ω
Deviation from Linear Phase
(Note 1)
-
-
1
Degree
Out of Band Energy
(22 kHz to 100 kHz)
-
-60
-
dB
Power Supply
Power Supply Current
(Note 8)
Operating (VD = 5.0V)
-
80
100
mA
Operating (VD = 3.3V)
-
65
85
mA
Power Down
-
-
1
mA
Power Supply Rejection
(1 kHz)
-
40
-
dB
Notes:
4. 10 k
Ω, 100 pF load.
5. Tested in SM3, Slave sub-mode, 256 BPF.
6. REFBUF load current must be DC. To drive dynamic loads, REFBUF must be buffered.
AC variations in REFBUF current may degrade ADC and DAC performance.
7. No DC load.
8. Typical current: VA = 30mA, VD = 50mA with VD = 5.0V. VA = 30mA, VD = 35mA with VD = 3.3V.
Power supply current does not include output loading.
* Parameter definitions are given at the end of this data sheet.
CS4218
4
DS135F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com