Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 3Page - Cirrus Logic CS4218 Datasheet HTML 4Page - Cirrus Logic CS4218 Datasheet HTML 5Page - Cirrus Logic CS4218 Datasheet HTML 6Page - Cirrus Logic CS4218 Datasheet HTML 7Page - Cirrus Logic CS4218 Datasheet HTML 8Page - Cirrus Logic CS4218 Datasheet HTML 9Page - Cirrus Logic CS4218 Datasheet HTML 10Page - Cirrus Logic CS4218 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
DIGITAL CHARACTERISTICS (TA = 25°C; VA = 5V, VD = 5V or 3.3V)
Parameter
Symbol
Min
Typ
Max
Units
High-level Input Voltage
VIH
2.0
-
VD+0.3
V
Low-level Input Voltage
VIL
-0.3
-
0.8
V
High-level Output Voltage at I0 = -2.0 mA
VOH
VD-0.3
-
-
V
Low-level Output Voltage at I0 = +2.0 mA
VOL
--
0.2
V
Input Leakage Current
(Digital Inputs)
-
-
10
µA
Output Leakage Current
(High-Z Digital Outputs)
-
-
10
µA
Output Capacitance
(Note 1)
COUT
-
-
15
pF
Input Capacitance
(Note 1)
CIN
-
-
15
pF
SCLK
ts2 th2
tpd2
DIx
DOx
DI/DO Timing
CLKIN
tckl
SCLK
SCLK & SSYNC Output Timing
SSYNC
tckh
tpd3
(Master Mode)
(Master Mode)
t rhold
PDN
RESET
trph
Power Down Mode Timing
CS4218
DS135F1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com