Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4397 Datasheet (PDF) - Cirrus Logic

CS4397 Datasheet PDF - Cirrus Logic
Part # CS4397
Download  CS4397 Download
File Size   660.79 Kbytes
Page   36 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, Multi-Standard D/A Converter for Digital Audio?

CS4397 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4397 Datasheet PDF - Cirrus Logic

Part # CS4397
Download  CS4397 Click to download

File Size   660.79 Kbytes
Page   36 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, Multi-Standard D/A Converter for Digital Audio?

CS4397 Datasheet (HTML) - Cirrus Logic


CS4397 Product details

Description
The CS4397 is a complete high performance 24-bit 48/96/192 kHz stereo digital-to-analog conversion system. The device includes a digital interpolation filter followed by a oversampled multi-bit delta-sigma modulator which drives dynamic-element-matching (DEM) selection logic. The output from the DEM block controls the input to a multi-element switched capacitor DAC/lowpass filter, with fully-differential outputs. This multi-bit architecture features significantly lower out-of-band noise and jitter sensitivity than traditional 1-bit designs, and the advanced DEM guarantees low noise and distortion at all signal levels.

Features
● 24 Bit Conversion
● Up to 192 kHz Sample Rates
● 120 dB Dynamic Range
● -100 dB THD+N
● Supports PCM, DSD and External Interpolation filters
● Advanced Dynamic-Element Matching
● Low Clock Jitter Sensitivity
● Digital De-emphasis for 32 kHz, 44.1 kHz and 48 kHz
● External Reference Input




Similar Part No. - CS4397

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4397-KS CIRRUS-CS4397-KS Datasheet
615Kb / 34P
24-Bit, Multi-Standard D/A Converter for Digital Audio
CS4397-KSZ CIRRUS-CS4397-KSZ Datasheet
615Kb / 34P
24-Bit, Multi-Standard D/A Converter for Digital Audio
CS4397 CIRRUS-CS4397_04 Datasheet
615Kb / 34P
24-Bit, Multi-Standard D/A Converter for Digital Audio
More results


Similar Description - CS4397

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
16-Bit D/A Converter for Digital Audio?
LC7886 SANYO-LC7886 Datasheet
134Kb / 6P
18-Bit A/D Converter for Digital Audio Applications
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
24-Bit, 192 kHz D/A Converter for Digital Audio?
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
24-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
24-Bit Stereo Audio D/A Converter
October 16, 2003
logo
Cirrus Logic
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
CS4397 CIRRUS-CS4397_04 Datasheet
615Kb / 34P
24-Bit, Multi-Standard D/A Converter for Digital Audio
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com