Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2154L Datasheet (PDF) - Dallas Semiconductor

DS2154L Datasheet PDF - Dallas Semiconductor
Part # DS2154L
Download  DS2154L Download
File Size   1106.35 Kbytes
Page   87 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Enhanced E1 Single Chip Transceiver

DS2154L Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2154L Datasheet PDF - Dallas Semiconductor

Part # DS2154L
Download  DS2154L Click to download

File Size   1106.35 Kbytes
Page   87 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Enhanced E1 Single Chip Transceiver

DS2154L Datasheet (HTML) - Dallas Semiconductor


DS2154L Product details

DESCRIPTION
The DS2154 Enhanced Single-Chip Transceiver (ESCT) contains all of the necessary functions for connection to E1 lines. The device is an upward compatible version of the DS2153 Single-Chip Transceiver.

FEATURES
● Complete E1(CEPT) PCM-30/ISDN-PRI transceiver functionality
● Onboard long- and short-haul line interface for clock/data recovery and waveshaping
● 32-bit or 128-bit crystal-less jitter attenuator
● Generates line build outs for both 120Ω=and 75Ω=lines
● Frames to FAS, CAS, and CRC4 formats
● Dual onboard two-frame elastic store slip buffers that can connect to asynchronous backplanes up to 8.192 MHz
● 8-bit parallel control port that can be used directly on either multiplexed or non-multiplexed buses
● Extracts and inserts CAS signaling
● Detects and generates Remote and AIS alarms
● Programmable output clocks for Fractional E1, H0, and H12 applications
● Fully independent transmit and receive functionality
● Full access to both Si and Sa bits aligned with CRC multiframe
● Four separate loopbacks for testing functions
● Large counters for bipolar and code violations, CRC4 codeword errors, FAS errors, and E bits
● Pin compatible with DS2152 T1 Enhanced Single Chip Transceiver
● 5V supply; low power CMOS
● 100-pin 14mm2 body LQFP package




Similar Part No. - DS2154L

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS215 LUMILEDS-DS215 Datasheet
2Mb / 20P
High flux, hot-color targeted, 24V and 48V mid power packages
logo
Dallas Semiconductor
DS2151 DALLAS-DS2151 Datasheet
1Mb / 51P
T1 Single-Chip Transceiver
DS2151Q DALLAS-DS2151Q Datasheet
1Mb / 51P
T1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2151Q MAXIM-DS2151Q Datasheet
626Kb / 60P
T1 Single-Chip Transceiver
REV: 011706
DS2151Q+ MAXIM-DS2151Q+ Datasheet
626Kb / 60P
T1 Single-Chip Transceiver
REV: 011706
More results


Similar Description - DS2154L

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2152 DALLAS-DS2152 Datasheet
1,003Kb / 94P
Enhanced T1 Single-Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
T1/E1/J1 Single Chip Transceiver
MT9075A MITEL-MT9075A Datasheet
1,008Kb / 78P
E1 Single Chip Transceiver
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
E1 Single Chip Transceiver
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2153Q DALLAS-DS2153Q Datasheet
442Kb / 52P
E1 Single-Chip Transceiver
logo
Zarlink Semiconductor I...
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
E1 Single-Chip Transceiver
REV: 01106
DS2152 MAXIM-DS2152 Datasheet
1Mb / 97P
Enhanced T1 Single-Chip Transceiver
REV: 011706
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com