Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFB11N50 Datasheet (PDF) - International Rectifier

IRFB11N50 Datasheet PDF - International Rectifier
Part # IRFB11N50
Download  IRFB11N50 Download
File Size   100.63 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)

IRFB11N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFB11N50 Datasheet PDF - International Rectifier

Part # IRFB11N50
Download  IRFB11N50 Click to download

File Size   100.63 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)

IRFB11N50 Datasheet (HTML) - International Rectifier


IRFB11N50 Product details

Benefits

Low Gate Charge Qg results in Simple Drive Requirement

Improved Gate, Avalanche and dynamic dv/dt Ruggedness

Fully Characterized Capacitance and Avalanche Voltage and Current



Applications

Switch Mode Power Supply ( SMPS )

Uninterruptable Power Supply

High speed power switching


 




Similar Part No. - IRFB11N50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFB11N50A VISHAY-IRFB11N50A Datasheet
159Kb / 8P
Power MOSFET
21-Jul-08
IRFB11N50A VISHAY-IRFB11N50A Datasheet
178Kb / 8P
Power MOSFET
16-Aug-2021
logo
Inchange Semiconductor ...
IRFB11N50A ISC-IRFB11N50A Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFB11N50APBF VISHAY-IRFB11N50APBF Datasheet
159Kb / 8P
Power MOSFET
21-Jul-08
IRFB11N50APBF VISHAY-IRFB11N50APBF Datasheet
178Kb / 8P
Power MOSFET
16-Aug-2021
More results


Similar Description - IRFB11N50

ManufacturerPart #DatasheetDescription
logo
International Rectifier
448IRF IRF-448IRF Datasheet
168Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
IRF7467 IRF-IRF7467 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
IRF830AS IRF-IRF830AS Datasheet
155Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFIB7N50A IRF-IRFIB7N50A Datasheet
96Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFPC50A IRF-IRFPC50A Datasheet
95Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=0.58ohm, Id=11A)
IRFPS37N50A IRF-IRFPS37N50A Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.13ohm, Id=36A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com