Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFI744G Datasheet (PDF) - International Rectifier

IRFI744G Datasheet PDF - International Rectifier
Part # IRFI744G
Download  IRFI744G Download
File Size   261.17 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=450V, Rds(on)=0.63ohm, Id=4.9A)

IRFI744G Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFI744G Datasheet PDF - International Rectifier

Part # IRFI744G
Download  IRFI744G Click to download

File Size   261.17 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=450V, Rds(on)=0.63ohm, Id=4.9A)

IRFI744G Datasheet (HTML) - International Rectifier


IRFI744G Product details

DESCRIPTION
Third Generation Power MOSFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The TO-220 Fullpak eliminates the need for additional insulating hardware in commercial-industrial applications.
The molding compound used provides a high isolation capability and a low thermal resistance between the tab and external heatsink. This isolation is equivalent to using a 100 micron mica barrier with standard TO-220 product. The Fullpak is mounted to a heatsink using a single clip or by a single screw fixing.

FEATURES
• Isolated Package
• High Voltage Isolation = 2.5 kVRMS
• Sink to Lead Creepage Dist. = 4.8 mm
• Dynamic dV/dt Rating
• Low Thermal Resistance




Similar Part No. - IRFI744G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFI744G VISHAY-IRFI744G Datasheet
1Mb / 8P
Power MOSFET
23-Jun-08
logo
International Rectifier
IRFI744GPBF IRF-IRFI744GPBF Datasheet
995Kb / 9P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFI744GPBF VISHAY-IRFI744GPBF Datasheet
1Mb / 8P
Power MOSFET
23-Jun-08
More results


Similar Description - IRFI744G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734G IRF-IRFI734G Datasheet
241Kb / 8P
Power MOSFET(Vdss=450V, Rds(on)=1.2ohm, Id=3.4A)
IRFP044N IRF-IRFP044N Datasheet
105Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=53A)
IRFP264N IRF-IRFP264N Datasheet
222Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
IRFP344 IRF-IRFP344 Datasheet
202Kb / 8P
Power MOSFET(Vdss=450V, Rds(on)=0.63ohm, Id=9.5A)
IRFP354 IRF-IRFP354 Datasheet
204Kb / 8P
Power MOSFET(Vdss=450V, Rds(on)=0.35ohm, Id=14A)
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44N IRF-IRFZ44N Datasheet
100Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=17.5mohm, Id=49A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFZ44Z IRF-IRFZ44Z Datasheet
333Kb / 12P
Power MOSFET(Vdss=55V, Rds(on)=13.9mohm, Id=51A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com