Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP344 Datasheet (PDF) - International Rectifier

IRFP344 Datasheet PDF - International Rectifier
Part # IRFP344
Download  IRFP344 Download
File Size   202.57 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=450V, Rds(on)=0.63ohm, Id=9.5A)

IRFP344 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP344 Datasheet PDF - International Rectifier

Part # IRFP344
Download  IRFP344 Click to download

File Size   202.57 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=450V, Rds(on)=0.63ohm, Id=9.5A)

IRFP344 Datasheet (HTML) - International Rectifier


IRFP344 Product details





Similar Part No. - IRFP344

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP344 VISHAY-IRFP344 Datasheet
1Mb / 8P
Power MOSFET
24-Jun-08
logo
International Rectifier
IRFP344PBF IRF-IRFP344PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFP344PBF VISHAY-IRFP344PBF Datasheet
1Mb / 8P
Power MOSFET
24-Jun-08
More results


Similar Description - IRFP344

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734G IRF-IRFI734G Datasheet
241Kb / 8P
Power MOSFET(Vdss=450V, Rds(on)=1.2ohm, Id=3.4A)
IRFI744G IRF-IRFI744G Datasheet
261Kb / 8P
Power MOSFET(Vdss=450V, Rds(on)=0.63ohm, Id=4.9A)
IRFP044N IRF-IRFP044N Datasheet
105Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=53A)
IRFP264N IRF-IRFP264N Datasheet
222Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
IRFP354 IRF-IRFP354 Datasheet
204Kb / 8P
Power MOSFET(Vdss=450V, Rds(on)=0.35ohm, Id=14A)
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44N IRF-IRFZ44N Datasheet
100Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=17.5mohm, Id=49A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFZ44Z IRF-IRFZ44Z Datasheet
333Kb / 12P
Power MOSFET(Vdss=55V, Rds(on)=13.9mohm, Id=51A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com