Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP260 Datasheet (PDF) - International Rectifier

IRFP260 Datasheet PDF - International Rectifier
Part # IRFP260
Download  IRFP260 Download
File Size   122.69 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)=0.04ohm, Id=50A)

IRFP260 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP260 Datasheet PDF - International Rectifier

Part # IRFP260
Download  IRFP260 Click to download

File Size   122.69 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)=0.04ohm, Id=50A)

IRFP260 Datasheet (HTML) - International Rectifier


IRFP260 Product details

Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because of its isolated mounting hole.

● Advanced Process Technology
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated
● Ease of Paralleling
● Simple Drive Requirements




Similar Part No. - IRFP260

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IRFP260 IXYS-IRFP260 Datasheet
36Kb / 2P
Standard Power MOSFET - N-Channel Enhancement Mode
logo
Vishay Siliconix
IRFP260 VISHAY-IRFP260 Datasheet
541Kb / 8P
Power MOSFET
16-Jun-08
logo
Inchange Semiconductor ...
IRFP260 ISC-IRFP260 Datasheet
443Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP260 VISHAY-IRFP260 Datasheet
1Mb / 11P
Power MOSFET
21-Mar-11
IRFP260 VISHAY-IRFP260 Datasheet
687Kb / 11P
Power MOSFET
24-Jan-2021
More results


Similar Description - IRFP260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRCZ44 IRF-IRCZ44 Datasheet
132Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
IRF1310S IRF-IRF1310S Datasheet
361Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=41A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRFI1310G IRF-IRFI1310G Datasheet
361Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=22A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
IRFI9640G IRF-IRFI9640G Datasheet
169Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-6.1A)
IRFIZ34N IRF-IRFIZ34N Datasheet
105Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.04ohm, Id=21A)
IRFL210 IRF-IRFL210 Datasheet
182Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.96A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com