Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP260 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFP260
Description  Power MOSFET(Vdss=200V, Rds(on)=0.04ohm, Id=50A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP260 Datasheet(HTML) 1 Page - International Rectifier

  IRFP260 Datasheet HTML 1Page - International Rectifier IRFP260 Datasheet HTML 2Page - International Rectifier IRFP260 Datasheet HTML 3Page - International Rectifier IRFP260 Datasheet HTML 4Page - International Rectifier IRFP260 Datasheet HTML 5Page - International Rectifier IRFP260 Datasheet HTML 6Page - International Rectifier IRFP260 Datasheet HTML 7Page - International Rectifier IRFP260 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFP260N
HEXFET® Power MOSFET
10/11/00
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
50
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
35
A
IDM
Pulsed Drain Current

200
PD @TC = 25°C
Power Dissipation
300
W
Linear Derating Factor
2.0
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
‚
560
mJ
IAR
Avalanche Current

50
A
EAR
Repetitive Avalanche Energy

30
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
10
V/ns
TJ
Operating Junction and
-55 to +175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.50
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40
Thermal Resistance
www.irf.com
1
Fifth Generation HEXFETs from International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized device design that
HEXFET Power MOSFETs are well known for, provides the designer with an
extremely efficient and reliable device for use in a wide variety of applications.
The TO-247 package is preferred for commercial-industrial applications where
higher power levels preclude the use of TO-220 devices. The TO-247 is similar
but superior to the earlier TO-218 package because of its isolated mounting hole.
Description
VDSS = 200V
RDS(on) = 0.04Ω
ID = 50A
S
D
G
l Advanced Process Technology
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Ease of Paralleling
l Simple Drive Requirements
TO-247AC
PD - 94004A


Similar Part No. - IRFP260

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IRFP260 IXYS-IRFP260 Datasheet
36Kb / 2P
Standard Power MOSFET - N-Channel Enhancement Mode
logo
Vishay Siliconix
IRFP260 VISHAY-IRFP260 Datasheet
541Kb / 8P
Power MOSFET
16-Jun-08
logo
Inchange Semiconductor ...
IRFP260 ISC-IRFP260 Datasheet
443Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP260 VISHAY-IRFP260 Datasheet
1Mb / 11P
Power MOSFET
21-Mar-11
IRFP260 VISHAY-IRFP260 Datasheet
687Kb / 11P
Power MOSFET
24-Jan-2021
More results

Similar Description - IRFP260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRCZ44 IRF-IRCZ44 Datasheet
132Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
IRF1310S IRF-IRF1310S Datasheet
361Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=41A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRFI1310G IRF-IRFI1310G Datasheet
361Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=22A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
IRFI9640G IRF-IRFI9640G Datasheet
169Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-6.1A)
IRFIZ34N IRF-IRFIZ34N Datasheet
105Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.04ohm, Id=21A)
IRFL210 IRF-IRFL210 Datasheet
182Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.96A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com