Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD784035A Datasheet (PDF) - NEC

UPD784035A Datasheet PDF - NEC
Part # UPD784035A
Download  UPD784035A Download
File Size   401.07 Kbytes
Page   90 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16/8-BIT SINGLE-CHIP MICROCONTROLLER

UPD784035A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD784035A Datasheet PDF - NEC

Part # UPD784035A
Download  UPD784035A Click to download

File Size   401.07 Kbytes
Page   90 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16/8-BIT SINGLE-CHIP MICROCONTROLLER

UPD784035A Datasheet (HTML) - NEC


UPD784035A Product details

16/8-BIT SINGLE-CHIP MICROCONTROLLER



The µPD784036(A) is a product of the µPD784038 sub-series in the 78K/IV series. A stricter quality assurance program applies to the µPD784036(A) than the µPD784036 (standard product). In terms of the NEC quality, the µPD784036(A) is classified as the special grade.



FEATURES

• Higher reliability than the µPD784036 (Refer to Quality Grade on NEC Semiconductor Devices (Document number C11531E).)

• Minimum instruction execution time: 125 ns(at 32 MHz)

• Number of I/O ports: 64

• Timer/counters

  16-bit timer/counter ×3 units

  16-bit timer ×1 unit

• A/D converter: 8-bit resolution ×8 channels

• D/A converter: 8-bit resolution ×2 channels

• Standby function

  HALT/STOP/IDLE mode

• PWM outputs: 2

• Serial interface: 3 channels

   UART/IOE (3-wire serial I/O): 2 channels

   CSI (3-wire serial I/O, 2-wire serial I/O): 1 channel

• Clock frequency division function

• Watchdog timer: 1 channel

• Clock output function

   Selected from fCLK, fCLK/2, fCLK/4, fCLK/8, or fCLK/16

• Power supply voltage: VDD= 2.7 to 5.5 V



APPLICATIONS

Controllers for automobile electronic control systems, gas detector circuit-breakers, various types of safety equipment, etc.




Similar Part No. - UPD784035A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035YGC NEC-UPD784035YGC Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035YGK NEC-UPD784035YGK Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Similar Description - UPD784035A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70320 NEC-UPD70320 Datasheet
439Kb / 74P
V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78320 NEC-UPD78320 Datasheet
479Kb / 88P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78323 NEC-UPD78323 Datasheet
454Kb / 86P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78361A NEC-UPD78361A Datasheet
782Kb / 88P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
539Kb / 86P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P322 NEC-UPD78P322 Datasheet
340Kb / 56P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P328 NEC-UPD78P328 Datasheet
1Mb / 48P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038 NEC-UPD78P4038 Datasheet
324Kb / 72P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038Y NEC-UPD78P4038Y Datasheet
435Kb / 72P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
377Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com