Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2410 Datasheet (PDF) - Maxim Integrated Products

MAX2410 Datasheet PDF - Maxim Integrated Products
Part # MAX2410
Download  MAX2410 Download
File Size   179.4 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost RF Up/Downconverter with LNA and PA Driver

MAX2410 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2410 Datasheet PDF - Maxim Integrated Products

Part # MAX2410
Download  MAX2410 Click to download

File Size   179.4 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost RF Up/Downconverter with LNA and PA Driver

MAX2410 Datasheet (HTML) - Maxim Integrated Products


MAX2410 Product details

General Description
The MAX2410 performs the RF front-end transmit/receive function in time-division-duplex (TDD) communication systems. It operates over a wide frequency range and is optimized for RF frequencies around 1.9GHz. Applications include most popular cordless and PCS standards

Features
♦ Low-Cost Silicon Bipolar Design
♦ Integrated Upconvert/Downconvert Function
♦ Operates from Single +2.7V to +5.5V Supply
♦ 3.2dB Combined Receiver Noise Figure:
    2.4dB (LNA)
    9.8dB (Mixer)
♦ Flexible Power-Amplifier Driver:
    18dBm Output Third-Order Intercept (OIP3)
    35dB Gain Control Range
♦ LO Buffer for Low LO Drive Level
♦ Low Power Consumption:
   60mW Receive
   90mW Full-Power Transmit
♦ 0.3µW Shutdown Mode
♦ Flexible Power-Down Modes Compatible with MAX2510/MAX2511 IF Transceivers




Similar Part No. - MAX2410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2410 MAXIM-MAX2410 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2410EVKIT MAXIM-MAX2410EVKIT Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
More results


Similar Description - MAX2410

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9503 PHILIPS-SA9503 Datasheet
169Kb / 16P
Dual-band, CDMA/AMPS LNA and downconverter mixers
1999 Jul 29
SA9504 PHILIPS-SA9504 Datasheet
223Kb / 22P
Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
1999 Oct 28
logo
Texas Instruments
TRF1015 TI-TRF1015 Datasheet
292Kb / 21P
RF DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2406 MAXIM-MAX2406 Datasheet
92Kb / 8P
Low-Cost Downconverter with Low-Noise Amplifier
19-1303; Rev 0; 10/97
MAX2411A MAXIM-MAX2411A Datasheet
134Kb / 14P
Low-Cost RF Up/Downconverter with LNA and PA Driver
19-1324; Rev 1; 2/98
MAX2685 MAXIM-MAX2685 Datasheet
188Kb / 10P
Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
logo
ANADIGICS, Inc
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
02/2008
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685_00 Datasheet
174Kb / 10P
Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
Rev 1; 12/00
logo
Skyworks Solutions Inc.
RFX8050 SKYWORKS-RFX8050 Datasheet
640Kb / 7P
CMOS 5GHz WLAN 802.11ac RFeIC WITH PA, LNA AND SPDT
logo
Microchip Technology
MRF24J40MD MICROCHIP-MRF24J40MD Datasheet
939Kb / 34P
2.4 GHz IEEE Std. 802.15.4??RF Transceiver Module with PA/LNA
03/25/14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com