Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E175 Datasheet (PDF) - Micrel Semiconductor

SY10E175 Datasheet PDF - Micrel Semiconductor
Part # SY10E175
Download  SY10E175 Download
File Size   60.34 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 9-BIT LATCH WITH PARITY

SY10E175 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E175 Datasheet PDF - Micrel Semiconductor

Part # SY10E175
Download  SY10E175 Click to download

File Size   60.34 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 9-BIT LATCH WITH PARITY

SY10E175 Datasheet (HTML) - Micrel Semiconductor


SY10E175 Product details

DESCRIPTION
The SY10/100E175 are 9-bit latches. They also feature a tenth latched output (ODDPAR) which is formed as the odd parity of the nine data inputs (ODDPAR is HIGH if an odd number of the inputs are HIGH).
The E175 can also be used to generate byte parity by using D8 as the parity-type select (L = even parity, H = odd parity) and using ODDPAR as the byte parity output.
The LEN pin latches the data when asserted with a logical high and makes the latch transparent when placed at a logic low level.

FEATURES
■ 9-bit latch
■ Extended 100E VEE range of –4.2V to –5.5V
■ Parity detection/generation
■ 800ps max. D to Output
■ Reset
■ Internal 75KΩ input pull-down resistors
■ Fully compatible with Motorola MC10E/100E175
■ Available in 28-pin PLCC package




Similar Part No. - SY10E175

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E175 MICREL-SY10E175 Datasheet
62Kb / 4P
9-BIT LATCH WITH PARITY
SY10E175JC MICREL-SY10E175JC Datasheet
62Kb / 4P
9-BIT LATCH WITH PARITY
SY10E175JCTR MICREL-SY10E175JCTR Datasheet
62Kb / 4P
9-BIT LATCH WITH PARITY
SY10E175JZ MICREL-SY10E175JZ Datasheet
62Kb / 4P
9-BIT LATCH WITH PARITY
SY10E175JZTR MICREL-SY10E175JZTR Datasheet
62Kb / 4P
9-BIT LATCH WITH PARITY
More results


Similar Description - SY10E175

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E175 ONSEMI-MC10E175 Datasheet
106Kb / 4P
9-BIT LATCH WITH PARITY
REV 2
logo
NXP Semiconductors
74ABT853 PHILIPS-74ABT853 Datasheet
82Kb / 7P
8-bit transceiver with 9-bit parity checker/ generator and flag latch 3-State
1995 Sep 06
74ABT899 PHILIPS-74ABT899 Datasheet
123Kb / 16P
9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
logo
STMicroelectronics
74AC280 STMICROELECTRONICS-74AC280 Datasheet
64Kb / 8P
9 BIT PARITY GENERATOR
Dec-1998
M54HC280 STMICROELECTRONICS-M54HC280 Datasheet
242Kb / 10P
9 BIT PARITY GENERATOR
Oct-1992
74LVQ280 STMICROELECTRONICS-74LVQ280 Datasheet
229Kb / 8P
9 BIT PARITY GENERATOR
Jul-2001
logo
ON Semiconductor
MC10E175 ONSEMI-MC10E175_06 Datasheet
81Kb / 8P
5V ECL 9-Bit Latch With Parity
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10E175 MICREL-SY10E175_06 Datasheet
62Kb / 4P
9-BIT LATCH WITH PARITY
logo
STMicroelectronics
74LVQ280 STMICROELECTRONICS-74LVQ280_04 Datasheet
276Kb / 11P
9 BIT PARITY GENERATOR
29-Jul-2004
M74HC280 STMICROELECTRONICS-M74HC280 Datasheet
303Kb / 9P
9 BIT PARITY GENERATOR
Jul-2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com