Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC57 Datasheet (PDF) - Microchip Technology

TC57 Datasheet PDF - Microchip Technology
Part # TC57
Download  TC57 Download
File Size   462.63 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Line Regulator Controller

TC57 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC57 Datasheet PDF - Microchip Technology

Part # TC57
Download  TC57 Click to download

File Size   462.63 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Line Regulator Controller

TC57 Datasheet (HTML) - Microchip Technology


TC57 Product details

General Description
The TC57 is a low dropout regulator controller that operates with an external PNP pass transistor, allowing the user to tailor the LDO characteristics to suit the application at hand. This results in lower dropout operation (and often lower cost) compared with traditional linear regulators with on-board pass transistors. The maximum output current of a TC57-based regulator circuit is limited only by the characteristics of the external pass transistor. For example, a maximum output current of 650mA (with a dropout voltage of 100mV) results when an FZT749 pass transistor is used, while a Darlington configuration can deliver up to 4A.
Flexibility, and superior performance make this family of regulator controllers the ideal choice in applications where low dropout voltage and low installed cost are key.

Features
• Low Dropout Voltage: 100mV @ 650mA with
   FZT749 PNP Transistor
• 2.7V to 8V Supply Range
• Low Operating Current: 50A Operating,
   0.2A Shutdown
• Low True Chip Enable
• Output Accuracy < ±2%
• Small Package: 5-Pin SOT-23A

Applications
• Battery Operated Systems
• Portable Instruments
• High-Efficiency Linear Regulator
• Post-Regulator for SMPS
• Power Supply or Battery Back-Up Supply for Memory




Similar Part No. - TC57

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC57 CDE-TC57 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Toshiba Semiconductor
TC571000D TOSHIBA-TC571000D Datasheet
453Kb / 12P
TC571000D
TC571000D-15 TOSHIBA-TC571000D-15 Datasheet
453Kb / 12P
TC571000D
TC571000D-20 TOSHIBA-TC571000D-20 Datasheet
453Kb / 12P
TC571000D
TC571000D-200 TOSHIBA-TC571000D-200 Datasheet
453Kb / 12P
TC571000D
More results


Similar Description - TC57

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
SWITCHING REGULATOR CONTROLLER
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
Switching Regulator Controller
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
Switching Regulator Controller
logo
Microchip Technology
TC57 MICROCHIP-TC57_13 Datasheet
227Kb / 16P
Line Regulator Controller
2001-2012 10/26/12
logo
Micrel Semiconductor
MIC5163 MICREL-MIC5163 Datasheet
452Kb / 15P
Dual Regulator Controller
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
SWITCHING REGULATOR CONTROLLER
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
SWITCHING REGULATOR CONTROLLER
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com