Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC57 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC57
Description  Line Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC57 Datasheet(HTML) 1 Page - Microchip Technology

  TC57 Datasheet HTML 1Page - Microchip Technology TC57 Datasheet HTML 2Page - Microchip Technology TC57 Datasheet HTML 3Page - Microchip Technology TC57 Datasheet HTML 4Page - Microchip Technology TC57 Datasheet HTML 5Page - Microchip Technology TC57 Datasheet HTML 6Page - Microchip Technology TC57 Datasheet HTML 7Page - Microchip Technology TC57 Datasheet HTML 8Page - Microchip Technology TC57 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21437B-page 1
TC57
Features
• Low Dropout Voltage: 100mV @ 650mA with
FZT749 PNP Transistor
• 2.7V to 8V Supply Range
• Low Operating Current: 50
µA Operating,
0.2
µA Shutdown
• Low True Chip Enable
• Output Accuracy < ±2%
• Small Package: 5-Pin SOT-23A
Applications
• Battery Operated Systems
• Portable Instruments
• High-Efficiency Linear Regulator
• Post-Regulator for SMPS
• Power Supply or Battery Back-Up Supply for
Memory
Device Selection Table
Other output voltages and package options are available.
Please contact Microchip Technology Inc. for details.
Package Type
General Description
The TC57 is a low dropout regulator controller that
operates with an external PNP pass transistor, allowing
the user to tailor the LDO characteristics to suit the
application at hand. This results in lower dropout
operation (and often lower cost) compared with
traditional
linear
regulators
with
on-board
pass
transistors. The maximum output current of a TC57-
based
regulator
circuit
is
limited
only
by
the
characteristics of the external pass transistor. For
example, a maximum output current of 650mA (with a
dropout voltage of 100mV) results when an FZT749
pass transistor is used, while a Darlington configuration
can deliver up to 4A.
Flexibility, and superior performance make this family
of regulator controllers the ideal choice in applications
where low dropout voltage and low installed cost are
key.
Functional Block Diagram
Part Number
Output
Voltage
Package
Temperature
Range
TC572502ECT
2.5V
5-Pin SOT-23A -40°C to +85°C
TC573002ECT
3.0V
5-Pin SOT-23A -40°C to +85°C
TC573302ECT
3.3V
5-Pin SOT-23A -40°C to +85°C
SHDN
5
5-Pin SOT-23A
TC57
13
4
EXT
2
VIN
VOUT
GND
NOTE: 5-Pin SOT-23A is equivalent to the EIAJ SC-74A.
TC573002ECT
VOUT
GND
SHDN
VIN
EXT
CIN
10µF
(Tantalum)
FZT749
Q1
RB
1K
CL
10
µF
(Tantalum)
RL
VIN +3.3V
RBE
47K
1
2
ON
OFF
3
4
5
VOUT +3V
3.3V Line Input, 3.0V, 500mA Output LDO
Line Regulator Controller


Similar Part No. - TC57

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC57 CDE-TC57 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Toshiba Semiconductor
TC571000D TOSHIBA-TC571000D Datasheet
453Kb / 12P
TC571000D
TC571000D-15 TOSHIBA-TC571000D-15 Datasheet
453Kb / 12P
TC571000D
TC571000D-20 TOSHIBA-TC571000D-20 Datasheet
453Kb / 12P
TC571000D
TC571000D-200 TOSHIBA-TC571000D-200 Datasheet
453Kb / 12P
TC571000D
More results

Similar Description - TC57

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
SWITCHING REGULATOR CONTROLLER
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
Switching Regulator Controller
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
Switching Regulator Controller
logo
Microchip Technology
TC57 MICROCHIP-TC57_13 Datasheet
227Kb / 16P
Line Regulator Controller
2001-2012 10/26/12
logo
Micrel Semiconductor
MIC5163 MICREL-MIC5163 Datasheet
452Kb / 15P
Dual Regulator Controller
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
SWITCHING REGULATOR CONTROLLER
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com