Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC57 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC57
Description  Line Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC57 Datasheet(HTML) 3 Page - Microchip Technology

  TC57 Datasheet HTML 1Page - Microchip Technology TC57 Datasheet HTML 2Page - Microchip Technology TC57 Datasheet HTML 3Page - Microchip Technology TC57 Datasheet HTML 4Page - Microchip Technology TC57 Datasheet HTML 5Page - Microchip Technology TC57 Datasheet HTML 6Page - Microchip Technology TC57 Datasheet HTML 7Page - Microchip Technology TC57 Datasheet HTML 8Page - Microchip Technology TC57 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21437B-page 3
TC57
2.0
PIN DESCRIPTIONS
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(5-Pin SOT-23A)
Symbol
Description
1
GND
Ground terminal.
2VIN
Supply voltage input. Positive input voltage of 2.7V to 8.0V.
3VOUT
Regulator voltage sense input. Connects to the collector of the external PNP pass transistor.
4
EXT
Base Drive for the external PNP pass transistor.
5
SHDN
Shutdown Input. The device is enabled when SHDN
≤ VIL. The device enters a low power
shutdown state when SHDN
≥ VIH. During shutdown, the output is disabled, and supply current
fallstolessthan 1
µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com