Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC57 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC57
Description  Line Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC57 Datasheet(HTML) 5 Page - Microchip Technology

  TC57 Datasheet HTML 1Page - Microchip Technology TC57 Datasheet HTML 2Page - Microchip Technology TC57 Datasheet HTML 3Page - Microchip Technology TC57 Datasheet HTML 4Page - Microchip Technology TC57 Datasheet HTML 5Page - Microchip Technology TC57 Datasheet HTML 6Page - Microchip Technology TC57 Datasheet HTML 7Page - Microchip Technology TC57 Datasheet HTML 8Page - Microchip Technology TC57 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21437B-page 5
TC57
3.4
Input Capacitor
The addition of an input capacitor further reduces
output noise, and negates the effects of power supply
input impedance. A 10
µF (min) Tantalum capacitor is
recommended.
3.5
Shutdown Mode
The TC57 enters a low power shutdown mode when
the shutdown input (SHDN) is high. During shutdown,
the regulator is disabled, the output capacitor is
discharged through the load, and supply current to the
TC57 decreases to less than 1
µA. Normal operation
resumes when SHDN is brought low. If the shutdown
mode is not used, SHDN should be tied to VIN.
TABLE 3-1:
COMPONENT SUPPLIERS
Device
Mounting
Method
Manufacturer
Website
CAPACITORS
267 Series
Surface Mount
Matsuo
http://www.matsuoelectronics.com
F95 Tantalum Series
Surface Mount
Nichicon
http://www.nichicon-us.com
595 Tantalum Series
Surface Mount
Sprague
http://www.vishay.com/brands/sprague
OS-CON Series
Through-Hole
Sanyo
http://www.sanyovideo.com
LXF Series
Through-Hole
United Chemi-Con
http://chemi-con.com
TRANSISTORS
ZTX749
Through-Hole
Zetex
http://www.zetex.com
2N4403
Through-Hole
ON SEMI
http://www.onsemi.com/home
2N2907A
Through-Hole
ON SEMI
http://www.onsemi.com/home
FZT749
Surface Mount
Zetex
http://www.zetex.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com