Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC57 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC57
Description  Line Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC57 Datasheet(HTML) 4 Page - Microchip Technology

  TC57 Datasheet HTML 1Page - Microchip Technology TC57 Datasheet HTML 2Page - Microchip Technology TC57 Datasheet HTML 3Page - Microchip Technology TC57 Datasheet HTML 4Page - Microchip Technology TC57 Datasheet HTML 5Page - Microchip Technology TC57 Datasheet HTML 6Page - Microchip Technology TC57 Datasheet HTML 7Page - Microchip Technology TC57 Datasheet HTML 8Page - Microchip Technology TC57 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC57
DS21437B-page 4
© 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC57 series of precision low dropout regulator
controllers
use
an
external
PNP
transistor
to
accommodate a wide range of output currents. A series
resistor (RB) limits the maximum base current drawn
from the PNP transistor. Limiting the base drive both
determines the regulator’s output current capability, as
well as limits ground current when the device is
operated in dropout. The PNP transistor’s VCE(SAT) is
the only factor limiting dropout voltage.
FIGURE 3-1:
TEST CIRCUIT
3.1
Transistor Selection
The PNP pass transistor must have satisfactory power
dissipation, current gain, and collector current specifi-
cations to suit the application at hand. The maximum
output current the circuit can deliver is influenced by
hFE. The highest guaranteed output current is given by:
EQUATION 3-1:
The transistor’s actual power dissipation (PD) is equal
to the maximum load current times the maximum input/
output voltage differential, or:
EQUATION 3-2:
The ideal transistor has a minimum hFE of 100, and a
VCE(SAT) of less than 0.6V at full output current. For
example, the Zetex FZT749 has an hFE of 170 at a
collector current of 1A, and a guaranteed VCE(SAT) of
0.3V at a base current of 100mA. It is packaged in a
SOT-223 and is recommended for use with the TC57.
Other transistors are also suitable, depending on the
required input and output voltages and output current
(Table 3-1).
3.2
Base-Current Limiting Resistor
Base current limiting resistor RB canbeestimated
using:
EQUATION 3-3:
Where:
hFE is the current gain of the pass transistor
VIN Is the input voltage (in volts)
VBE is the base-emitter voltage at the desired
output current (in volts)
IOUT is the output current (in Amps)
For example, assume a desired continuous output
current of 1.0A, an input voltage of 5V, and an FZT749
pass transistor. The FZT749 has a typical hFE of 170,
and a VBE of 0.8V; both specified at a collector current
of 1.0A. Substituting these values into the equation
above results in an RB value of 704Ω (closest standard
value = 680
Ω).
3.3
Pull-Up Resistor and Output
Capacitor
A pull-up resistor (RBE, installed between the base and
emitter of the pass transistor) facilitates rapid turn-off of
the pass transistor in the event of a sudden decrease in
load (Figure 3-2). Recommended values for this
resistor are between 20K
Ω and 47KΩ. A Tantalum
output capacitor of at least 10
µFmust beusedto
guarantee stability. Higher values decrease output
noise and eliminate power-on overshoot, but extend
power-up times. Table 3-1 lists several capacitor
choices.
FIGURE 3-2:
3.3V, 1A REGULATOR
USING 5V SUPPLY INPUT
TC573002ECT
VOUT
GND
SHDN
VIN
EXT
CIN
10µF
(Tantalum)
FZT749
Q1
RB
680
Ω
CL
10
µF
(Tantalum)
RL
VIN
RBE
33K
1
2
ON
OFF
3
4
5
VOUT
ILOAD(MAX) =25mA x hFE(MIN)
PD ≈ ILOAD(MAX) x(VIN(MAX) –VOUT(MIN))
hFE (VIN –VBE)
IOUT
RB =
TC57
VOUT
SHDN
VIN
EXT
CIN
10µF
(Tantalum)
FZT749
Q1
RB
680
Ω
COUT
10
µF
(Tantalum)
VIN = 5V
RBE
33K
Ω
1
2
ON
OFF
3
4
5
VOUT = 3.3V
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com