Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5852CS Datasheet (PDF) - Nippon Precision Circuits Inc

SM5852CS Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5852CS
Download  SM5852CS Download
File Size   132.87 Kbytes
Page   17 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Dynamic Range Compression LSI

SM5852CS Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5852CS Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5852CS
Download  SM5852CS Click to download

File Size   132.87 Kbytes
Page   17 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Dynamic Range Compression LSI

SM5852CS Datasheet (HTML) - Nippon Precision Circuits Inc


SM5852CS Product details

OVERVIEW
The SM5852CS is a digital signal processor IC that performs dynamic range compression for use in digital audio reproduction equipment. It is designed for use with a 44.1 kHz sampling frequency.

FEATURES
■ 2-channel processing
■ 6 input-level dependent dynamic gain characteristics
■ Dynamic range compression bypass mode
■ 2 attack time settings
■ Soft muting function
■ Serial input/output interface 2s complement, MSB first, 16-bit
■ 384fs system clock
■ 23 × 23-bit multiplier/30-bit high-precision accumulator
■ TTL-compatible input/output
■ 3.2 to 5.5 V operating voltage range
■ 16-pin SOP
■ Molybdenum-gate CMOS




Similar Part No. - SM5852CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM5852 ETC2-SM5852 Datasheet
216Kb / 4P
Amplified Pressure Sensor
SM5852-001 ETC2-SM5852-001 Datasheet
371Kb / 6P
SINGNAL-CONDITIONED ULTRA-LOW PRESSURE SENSOR
SM5852-001-A-3-L ETC2-SM5852-001-A-3-L Datasheet
216Kb / 4P
Amplified Pressure Sensor
SM5852-001-A-3-N ETC2-SM5852-001-A-3-N Datasheet
216Kb / 4P
Amplified Pressure Sensor
SM5852-001-A-5-L ETC2-SM5852-001-A-5-L Datasheet
216Kb / 4P
Amplified Pressure Sensor
More results


Similar Description - SM5852CS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65790FP MITSUBISHI-M65790FP Datasheet
841Kb / 27P
FBTC IMAGE DATA COMPRESSION and DECOMPRESSION LSI
logo
Nippon Precision Circui...
SM5852FS NPC-SM5852FS Datasheet
98Kb / 12P
Digital Dynamic Bass Boost LSI
logo
Sanyo Semicon Device
LC8220 SANYO-LC8220 Datasheet
191Kb / 13P
JPEG Still Color Image Compression/Decompression LSI
logo
WJ Communication. Inc.
FH101 WJCI-FH101 Datasheet
177Kb / 4P
High Dynamic Range FET
logo
Tyco Electronics
AM50-0011V6 MACOM-AM50-0011V6 Datasheet
182Kb / 4P
High Dynamic Range LNA
logo
Toshiba Semiconductor
TC9097F TOSHIBA-TC9097F Datasheet
145Kb / 3P
TIME-COMPRESSION LSI FOR WIDE TV
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
logo
API Technologies Corp
ENL9654 APITECH-ENL9654 Datasheet
224Kb / 1P
Compression Range: 55 dB
logo
AVAGO TECHNOLOGIES LIMI...
1N5719 AVAGO-1N5719 Datasheet
161Kb / 4P
Large Dynamic Range
logo
OmniVision Technologies...
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
high dynamic range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com