Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5852CS Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5852CS
Description  Dynamic Range Compression LSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5852CS Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5852CS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SM5852CS
NIPPON PRECISION CIRCUITS—6
Serial input timing
DB/DS, OPT
When DB/DS or OPT change state, the input level
must be constant for a minimum of 2/fs (2
× LRCI
cycle time). Input levels of duration less than 2/fs
may be ignored.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
BCKI pulsewidth
tBCIW
100
ns
BCKI cycle time
tBCIY
200
ns
DI setup time
tDIS
75
ns
DI hold time
tDIH
75
ns
LRCI setup time
tLIS
75
ns
LRCI hold time
tLIH
75
ns
DI
1.5V
BCKI
LRCI
tBCIW
tBCIW
tBCIY
tDIS
tLIS
tLIH
1.5V
1.5V
tDIH
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Minimum pulsewidth
tW
2/fs
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com