Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5852CS Datasheet(PDF) 14 Page - Nippon Precision Circuits Inc

Part # SM5852CS
Description  Dynamic Range Compression LSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5852CS Datasheet(HTML) 14 Page - Nippon Precision Circuits Inc

Back Button SM5852CS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 17Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SM5852CS
NIPPON PRECISION CIRCUITS—14
Filter Characteristics
Attack-1 filter
Attack-2 filter
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
+10
1.0
10
100
1K
10K
100K
2.0
5.0
20
50
200
500
2k
5k
20k
50k
1.0
10
100
1K
10K
100K
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
+10
2.0
5.0
20
50
200
500
2k
5k
20k
50k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com