Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5852CS Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5852CS
Description  Dynamic Range Compression LSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5852CS Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5852CS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SM5852CS
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Dynamic Range Compression LSI
OVERVIEW
The SM5852CS is a digital signal processor IC that
performs dynamic range compression for use in
digital audio reproduction equipment. It is designed
for use with a 44.1 kHz sampling frequency.
FEATURES
s
2-channel processing
s
6
input-level
dependent
dynamic
gain
characteristics
s
Dynamic range compression bypass mode
s
2 attack time settings
s
Soft muting function
s
Serial input/output interface
2s complement, MSB first, 16-bit
s
384fs system clock
s
23
× 23-bit multiplier/30-bit high-precision
accumulator
s
TTL-compatible input/output
s
3.2 to 5.5 V operating voltage range
s
16-pin SOP
s
Molybdenum-gate CMOS
ORDERING INFOMATION
PINOUT
PACKAGE DIMENSIONS
16-pin SOP (Unit: mm)
Device
Package
SM5852CS
16pin SOP
MUTEN
CLK
VSS
BCKI
DI
LRCI
RSTN
LRCO
VDD
DB/DS
TESTN
MOD2
MOD1
OPT
BCKO
DOUT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
10.16±0.3
10.5 MAX
0.4±0.15
1.27±0.15
0.635±0.15
0.17±0.05
0˚ to 15˚


Similar Part No. - SM5852CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM5852 ETC2-SM5852 Datasheet
216Kb / 4P
Amplified Pressure Sensor
SM5852-001 ETC2-SM5852-001 Datasheet
371Kb / 6P
SINGNAL-CONDITIONED ULTRA-LOW PRESSURE SENSOR
SM5852-001-A-3-L ETC2-SM5852-001-A-3-L Datasheet
216Kb / 4P
Amplified Pressure Sensor
SM5852-001-A-3-N ETC2-SM5852-001-A-3-N Datasheet
216Kb / 4P
Amplified Pressure Sensor
SM5852-001-A-5-L ETC2-SM5852-001-A-5-L Datasheet
216Kb / 4P
Amplified Pressure Sensor
More results

Similar Description - SM5852CS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65790FP MITSUBISHI-M65790FP Datasheet
841Kb / 27P
FBTC IMAGE DATA COMPRESSION and DECOMPRESSION LSI
logo
Nippon Precision Circui...
SM5852FS NPC-SM5852FS Datasheet
98Kb / 12P
Digital Dynamic Bass Boost LSI
logo
Sanyo Semicon Device
LC8220 SANYO-LC8220 Datasheet
191Kb / 13P
JPEG Still Color Image Compression/Decompression LSI
logo
WJ Communication. Inc.
FH101 WJCI-FH101 Datasheet
177Kb / 4P
High Dynamic Range FET
logo
Tyco Electronics
AM50-0011V6 MACOM-AM50-0011V6 Datasheet
182Kb / 4P
High Dynamic Range LNA
logo
Toshiba Semiconductor
TC9097F TOSHIBA-TC9097F Datasheet
145Kb / 3P
TIME-COMPRESSION LSI FOR WIDE TV
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
logo
API Technologies Corp
ENL9654 APITECH-ENL9654 Datasheet
224Kb / 1P
Compression Range: 55 dB
logo
AVAGO TECHNOLOGIES LIMI...
1N5719 AVAGO-1N5719 Datasheet
161Kb / 4P
Large Dynamic Range
logo
OmniVision Technologies...
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
high dynamic range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com