Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5852CS Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5852CS
Description  Dynamic Range Compression LSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5852CS Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5852CS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5852CS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SM5852CS
NIPPON PRECISION CIRCUITS—4
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V
Recommended Operating Conditions
VSS = 0 V
DC Characteristics
Standard voltage: VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −35 to 85 °C
Low voltage: VDD = 3.2 to 4.5 V, VSS = 0 V, Ta = −20 to 70 °C
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VDD
−0.3 to 7.0
V
Input voltage
VIN
VSS − 0.3 to VDD + 0.3
V
Storage temperature
Tstg
−40 to 125
°C
Power dissipation
PD
250
mW
Soldering temperature
Tsld
255
°C
Soldering time
tsld
10
s
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VDD
3.2 to 5.5
V
Operating temperature
Topr
−35 to 85
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption1
1. fCLK = 384fs = 16.9344 MHz, no output load, input data conformance with NPC test pattern
IDD
VDD = 5.0 V
16
23
mA
Input voltage for all inputs
VIH
2.4
V
VIL
0.5
V
Output voltage for all outputs
VOH
IOH = −0.4 mA
2.5
V
VOL
IOL = 1.6 mA
0.4
V
Input leakage current for all inputs
ILH
VIN = VDD
1.0
µA
CLK input leakage current
ILL
VIN = 0 V
1.0
µA
Input current for all inputs except CLK
IIL
VIN = 0 V
20
µA
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption1
1. fCLK = 384fs = 16.9344 MHz, no output load, input data conformance with NPC test pattern
IDD
VDD = 3.4 V
7
10
mA
Input voltage for all inputs
VIH
2.4
V
VIL
0.5
V
Output voltage for all outputs
VOH
IOH = −0.2 mA
2.5
V
VOL
IOL = 0.8 mA
0.4
V
Input leakage current for all inputs
ILH
VIN = VDD
1.0
µA
CLK input leakage current
ILL
VIN = 0 V
1.0
µA
Input current for all inputs except CLK
IIL
VIN = 0 V
12
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com