Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC8M8S0 Datasheet (PDF) - Alliance Semiconductor Corporation

AS4LC8M8S0 Datasheet PDF - Alliance Semiconductor Corporation
Part # AS4LC8M8S0
Download  AS4LC8M8S0 Download
File Size   566.2 Kbytes
Page   24 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3.3V 4Mx16 and 8Mx8 CMOS synchronous DRAM

AS4LC8M8S0 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS4LC8M8S0 Datasheet PDF - Alliance Semiconductor Corporation

Part # AS4LC8M8S0
Download  AS4LC8M8S0 Click to download

File Size   566.2 Kbytes
Page   24 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3.3V 4Mx16 and 8Mx8 CMOS synchronous DRAM

AS4LC8M8S0 Datasheet (HTML) - Alliance Semiconductor Corporation


AS4LC8M8S0 Product details

Functional description
The AS4LC8M8S0 and AS4LC4M16S0 are high-performance 64-megabit CMOS Synchronous Dynamic Random Access Memory (SDRAM) devices organized as 2,097,152 words × 8 bits × 4 banks, and 1,048,576 words × 16 bits × 4 banks, respectively. Very high bandwidth is achieved using a pipelined architecture where all inputs and outputs are referenced to the rising edge of a common clock. Programmable burst mode can be used to read up to a full page of data without selecting a new column address.

Features
• PC100/133 compliant
• Organization
    - 2,097,152 words × 8 bits × 4 banks (8M×8)
    - 1,048,576 words × 16 bits × 4 banks (4M×16)
• Fully synchronous
    - All signals referenced to positive edge of clock
• Four internal banks controlled by BA0/BA1 (bank select)
• High speed
    - 133/125/100 MHz
    - 5.4 ns (133 MHz)/6 ns (125/100 MHz) clock access time
• Low power consumption
    - Standby: 7.2 mW max, CMOS I/O
• 4096 refresh cycles, 64 ms refresh interval
• Auto refresh and self refresh
• Automatic and direct precharge
• Burst read, single write operation
• Can assert random column address in every cycle
• LVTTL compatible I/O
• 3.3V power supply
• JEDEC standard package, pinout and function
    - 400 mil, 54-pin TSOP II
• Read/write data masking
• Programmable burst length (1/2/4/8/full page)
• Programmable burst sequence (sequential/interleaved)
• Programmable CAS latency (2/3)




Similar Part No. - AS4LC8M8S0

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
AS4LC-S12-M2 MSYSTEM-AS4LC-S12-M2 Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
AS4LC-S12-M2/Q MSYSTEM-AS4LC-S12-M2/Q Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
AS4LC-S12-P MSYSTEM-AS4LC-S12-P Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
AS4LC-S12-P/Q MSYSTEM-AS4LC-S12-P/Q Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Similar Description - AS4LC8M8S0

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V648010 HYNIX-HY57V648010 Datasheet
887Kb / 15P
8Mx8 bit Synchronous DRAM Series
logo
Samsung semiconductor
KM23C64000T SAMSUNG-KM23C64000T Datasheet
71Kb / 4P
64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
K3P7V1000 SAMSUNG-K3P7V1000 Datasheet
62Kb / 4P
64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
logo
Alliance Semiconductor ...
AS4LC2M8S1 ALSC-AS4LC2M8S1 Datasheet
712Kb / 28P
3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
AS4LC1M16S0 ALSC-AS4LC1M16S0 Datasheet
721Kb / 29P
3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
logo
Hanbit Electronics Co.,...
HSD8M32F4V HANBIT-HSD8M32F4V Datasheet
82Kb / 11P
Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD8M64F8V HANBIT-HSD8M64F8V Datasheet
106Kb / 10P
Synchronous DRAM Module 64Mbyte ( 8M x 64-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD8M72D9A HANBIT-HSD8M72D9A Datasheet
86Kb / 10P
Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D16A HANBIT-HSD16M64D16A Datasheet
155Kb / 10P
Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M72D18A HANBIT-HSD16M72D18A Datasheet
188Kb / 10P
Synchronous DRAM Module 128Mbyte (16Mx72bit), DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com