Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC8M8S0 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS4LC8M8S0
Description  3.3V 4Mx16 and 8Mx8 CMOS synchronous DRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC8M8S0 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS4LC8M8S0 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
®
4
ALLIANCE SEMICONDUCTOR
7/5/00
AS4LC4M16S0
AS4LC16M4S0
Commands
1
OP = operation code.
A0~A11 and BA0~BA1 program keys.
2
MRS can be issued only when all banks are precharged. A new command can be issued 1 clock cycle after MRS.
3
Auto refresh functions similarly to CBR DRAM refresh. However, precharge is automatic.
Auto/self refresh can only be issued after all banks are precharged.
4
BA0~BA1: bank select addresses.
If A10/AP is High at row precharge, BA0 and BA1 are ignored and all banks are selected.
During read, write, row active, and prechage:
If BA0 and BA1 are Low, Bank A is selected.
If BA0 = Low and BA1 = High, Bank B is selected.
If BA0 = High and BA1 = Low, Bank C is selected.
If BA0 and BA1 are High, Bank D is selected.
5
A new read/write command to the same bank cannot be issued during a burst read/write with auto precharge.
A new row active command can be issued after t(t RP/tCK + BL +) cycles.
6
Burst stop command valid at every burst length.
7
DQM sampled at positive edge of CLK. Data-in may be masked at every CLK (Write DQM latency is 0).
Data-out mask is active 2 CLK cycles after issuance. (Read DQM latency is 2).
Command
CKEn-1 CKEn
CS
RAS
CAS
WE
DQM
BA0/
BA1
A10
A9–A0
DQ
Note
Register
Mode register set
H*
HL
L
L
L
X
Op code
X
1,2
Refresh
Auto refresh
H
H
L
L
L
H
X
–
X
–
X
3
Self
refresh
Entry
H
L
L
L
L
H
X
–
–
3
Exit
L
H
LH
H
H
X
–
–
3
H
XXX
X
–
–
3
Bank activate
H
H
L
L
H
H
X
V
row address
X
Read
Auto precharge disable
HH
L
H
L
H
X
V
L
column
address
X
4
Auto precharge enable
H
4,5
Write
Auto precharge disable
HH
L
H
L
L
X
V
L
column
address
Valid
4
Auto precharge enable
H
4,5
Burst stop
H
H
L
H
H
L
X
X
Active
6
Precharge
Selected bank
HH
L
L
H
L
X
VL
XX
4
All banks
X
H
Clock suspend or
active power down
Entry
H
L
H
XXX
XX
X
X
X
L
VVV
Exit
L
H
X
XXX
Precharge power
down mode
Entry
H
L
H
XXX
XX
X
X
X
LH
H
H
Exit
L
H
H
XXX
L
VVV
DQM
Write enable/output
enable
HH
X
XXX
H
XX
X
X
7
Write inhibit/Output
High-Z
No operation command
H
X
H
XXX
X
XX
X
X
LH
H
H
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com