Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC8M8S0 Datasheet(PDF) 24 Page - Alliance Semiconductor Corporation

Part # AS4LC8M8S0
Description  3.3V 4Mx16 and 8Mx8 CMOS synchronous DRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC8M8S0 Datasheet(HTML) 24 Page - Alliance Semiconductor Corporation

Back Button AS4LC8M8S0 Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 24Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
®
24
ALLIANCE SEMICONDUCTOR
7/5/00
AS4LC4M16S0
AS4LC16M4S0
Package dimensions
AC test conditions
Ordering information
Part numbering system
Part
–75
–8
–10
–10F
TSOP II, 400 mil, 54-pin
AS4LC8M8S0-75TC
AS4LC8M8S0-8TC
AS4LC8M8S0-10TC
AS4LC8M8S0-10FTC
TSOP II, 400 mil, 54-pin
AS4LC4M16S0-75TC
AS4LC4M16S0-8TC
AS4LC4M16S0-10TC
AS4LC4M16S0-10FTC
AS4
LC
XXXS0
–XX
T
C
DRAM prefix
LC = 3.3V CMOS
Device number for
synchronous DRAM
1/frequency
Package (device dependent):
TSOP II 400 mil, 54 pin
Commercial temperature
range, 0° C to 70 ° C
54-pin TSOP II
Min
(mm)
Max
(mm)
A–
1.2
A1
0.05
–
A2
0.95
1.05
b0.30
0.45
c
0.12
0.21
D
22.12
22.32
E
10.03
10.29
e
0.80 (typical)
He
11.56
11.96
l
0.40
0.60
D
He
12 345 67 89 10 11 12 13 14
54 53 52 51 50 49 48 47 46 45 44 43 42 41
15 16
40 39
17 18 19 20
38 37 36 35
c
l
A1
A2
e
54-pin TSOP II
0–5°
21
34
22 23 24 25
33 32 31 30
E
A
b
26 27
29 28
- Input reference levels of VIH = 2.0V and VIL = 0.8V
- Output reference levels = 1.4V
- Input rise and fall times: 2 ns
CLOAD = 50 pF
DOUT
+1.4V
Figure A: Equivalent output load
50W
Z0 = 50W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com