Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC8M8S0 Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS4LC8M8S0
Description  3.3V 4Mx16 and 8Mx8 CMOS synchronous DRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC8M8S0 Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS4LC8M8S0 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
®
AS4LC8M8S0
AS4LC4M16S0
7/5/00
ALLIANCE SEMICONDUCTOR
7
IDD specifications and conditions
(0
° C ≤ T
A ≤ 70° C, VDD, VDDQ = +3.3V ± 0.3V)
Notes
1IDD specifications are tested after proper initialization of the device.
2IDD is dependent on output loading and clock cycle time. Values are specified with minimum cycle time and outputs open.
3IDD tests have VIL = 0V and VIH = 3V.
4IDD current will decrease at lower CAS latencies. This is because the lower the latency, the lower the clock cycle time.
5
Address transitions average one transition every two clock cycles.
Parameter
Symbol
Max
Units
Notes
–75
–8
–10F/10
Operating current: active mode; burst = 2; READ or WRITE;
tRC = tRC(min); CAS latency = 3
IDD1
115
95
95
mA
4, 5
Standby current: power-down mode; all banks idle;
CKE = low
IDD2
22
2
mA
4,5
Standby current: active mode; CKE = high; CS# = high; all
banks active after tRCD met; no accesses in progress
IDD3
45
35
35
mA
4, 5
Operating current: burst mode; continuous burst; READ or
WRITE; all banks active; CAS latency = 3
IDD4
140
130
120
mA
4,5
Auto refresh current: CKE = high;
CS# = high
tRFC = tRFC(min);
CL = 3
IDD5
210
210
190
mA
4, 5
tRFC = 15.625ms;
CL = 3
IDD6
50
50
40
mA
4,5
Self-refresh current: CKE
≤ 0.2V
IDD7
11
1
mA
4,5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com