Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC8M8S0 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS4LC8M8S0
Description  3.3V 4Mx16 and 8Mx8 CMOS synchronous DRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC8M8S0 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS4LC8M8S0 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
®
AS4LC8M8S0
AS4LC4M16S0
7/5/00
ALLIANCE SEMICONDUCTOR
3
Pin descriptions
Pin
Name
Description
CLK
System clock
All operations synchronized to rising edge of CLK. It also increments
the burst counters.
CKE
Clock enable
Controls CLK input. If CKE is high, the next CLK rising edge is valid.
If CKE is low, the internal clock is suspended from the next clock
cycle and the burst address and output states are frozen. Pulling CKE
low has the following effects:
all banks idle: Precharge power down and Self refresh.
row active in any bank: Active power down.
burst/access in progress: Clock suspend.
When in Power down or Self refresh mode, CKE becomes
asynchronous until exiting the mode.
CS
Chip select
Enables or disables device operation by masking or enabling all inputs
except CLK, CKE, UDQM/LDQM (
×16), DQM (×8).
A0~A11
Address
Row and column addresses are multiplexed. Row address: A0~A11.
Column address (8M
×8): A0~A8. Column address (4M×16):
A0~A7.
BA0, BA1
Bank select
Memory cell array is organized in 4 banks. BA0 and BA1 select which
internal bank will be active during activate, read, write, and
precharge operations.
RAS
Row address strobe
Enables row access and precharge operation. When RAS is low, row
address is latched at the rising edge of CLK.
CAS
Column address strobe
Enables column access. When CAS is low, starting column address for
the burst access operation is latched at the rising edge of the CLK.
WE
Write enable
Enables write operation and row precharge operation.
×8: DQM
×16: UDQM/LDQM
Output disable/ write
mask
Controls I/O buffers. When DQM is high, output buffers are disabled
during a read operation and input data is masked during a write
operation. DQM latency is 2 clocks for Read and 0 clocks for Write.
For
×16, LDQM controls lower byte (DQ0–7) and UDQM controls
upper byte (DQ8–15). For
×8, only one DQM controls the 8 DQs.
UDQM and LDQM are considered same state when referenced as
DQM.
DQ0~DQ15
Data input/output
Data inputs/outputs are multiplexed. Data bus for 8M
×8 is
DQ0~DQ7 only.
VDD/VSS
Power supply/ground Power and ground for core logic and input buffers.
VDDQ/VSSQ
Data output power/
ground
Power and ground for data output buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com