Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCLT3-8BQ7-TR Datasheet (PDF) - STMicroelectronics

SCLT3-8BQ7-TR Datasheet PDF - STMicroelectronics
Part # SCLT3-8BQ7-TR
Download  SCLT3-8BQ7-TR Download
File Size   549.64 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High speed digital input current limiter with digital filter

SCLT3-8BQ7-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
SCLT3-8BQ7-TR Datasheet PDF - STMicroelectronics

Part # SCLT3-8BQ7-TR
Download  SCLT3-8BQ7-TR Click to download

File Size   549.64 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High speed digital input current limiter with digital filter

SCLT3-8BQ7-TR Datasheet (HTML) - STMicroelectronics


SCLT3-8BQ7-TR Product details

Features
• 8 inputs - 8-bit SPI output
• High side input with common ground
• 5 V Voltage regulator
• Package: QFN 7x7 - 48L
• 30 V reverse polarity capable
• Adjustable current limiters
• LED output for visual status
• Optional: 16-bit mode with parity check,
temperature and voltage alarms
• Daisy chain capable
• Input digital filter with adjustable delay: 20 µs
to 3 ms
• Power dissipation: 78 mW per channel




Similar Part No. - SCLT3-8BQ7-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCLT3-8BT8 STMICROELECTRONICS-SCLT3-8BT8 Datasheet
705Kb / 33P
Protected digital input termination with serialized state transfer
02-Nov-2009
SCLT3-8BT8-TR STMICROELECTRONICS-SCLT3-8BT8-TR Datasheet
705Kb / 33P
Protected digital input termination with serialized state transfer
02-Nov-2009
More results


Similar Description - SCLT3-8BQ7-TR

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5834AG NPC-SM5834AG Datasheet
541Kb / 16P
General-purpose High-speed FIR Digital Filter
logo
STMicroelectronics
STEVAL-IFP030V1 STMICROELECTRONICS-STEVAL-IFP030V1 Datasheet
237Kb / 5P
High speed digital input current limiter evaluation board based on SCLT3-8BQ7
17-Dec-2015
STEVAL-IFP031V1 STMICROELECTRONICS-STEVAL-IFP031V1 Datasheet
235Kb / 5P
High speed digital input current limiter evaluation board based on CLT01-8SQ7
17-Dec-2015
CLT01-38SQ7 STMICROELECTRONICS-CLT01-38SQ7 Datasheet
488Kb / 18P
High speed digital input current limiter
31-Jul-2015
logo
Maxim Integrated Produc...
MAX22195 MAXIM-MAX22195 Datasheet
847Kb / 24P
High-Speed, Octal, Industrial Digital Input with Parallel Output
Rev 6; 3/21
logo
Wall Industries,Inc.
763-1108 WALL-763-1108 Datasheet
353Kb / 5P
8-channel digital input; 24 VDC; High-Speed
logo
STMicroelectronics
STNRGPF02 STMICROELECTRONICS-STNRGPF02 Datasheet
1,005Kb / 43P
2-channel interleaved PFC driver with embedded digital inrush current limiter function
23-Jun-2020
CLT03-2Q3 STMICROELECTRONICS-CLT03-2Q3 Datasheet
1Mb / 24P
Self powered digital input current limiter
25-Nov-2022
logo
Renesas Technology Corp
ISL71710M RENESAS-ISL71710M Datasheet
2Mb / 26P
Radiation Tolerant Active-Input High Speed Digital Isolator
Mar 11, 2021
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com