Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4241 Datasheet (PDF) - Infineon Technologies AG

TLE4241 Datasheet PDF - Infineon Technologies AG
Part # TLE4241
Download  TLE4241 Download
File Size   217.93 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LED Driver with Adjustable Current

TLE4241 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4241 Datasheet PDF - Infineon Technologies AG

Part # TLE4241
Download  TLE4241 Click to download

File Size   217.93 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LED Driver with Adjustable Current

TLE4241 Datasheet (HTML) - Infineon Technologies AG


TLE4241 Product details

Functional Description

The TLE 4241 GM is an integrated adjustable constant current source. It provides an output current adjustable via different means (SET, PWM, reference resistor) which is kept nearly independent from load and supply voltage changes. The IC is designed to supply LEDs under the severe conditions of automotive applications resulting in constant brightness and extended LED lifetime. It is provided in the very small PG-DSO-8-16 (Micro 8) package. Protection circuits prevent damage to the device in case of overload, short circuit, reverse polarity and overtemperature. The connected LEDs are protected against reverse polarity as well as excess voltages up to 45 V. A status output allows handling of open load and short circuit at the main output.

A PWM input offers the possibility to adjust the LED brightness by pulse width modulation.

With an implemented high/low current switch the output current level can be reduced e.g. for brake/tail light application.

The implemented features such as adjustable output current, the high/low current switch and the provided PWM input make the device well suited for a broad range of LED and other applications.



Features

• Adjustable constant output current

• Wide input voltage range

• Low drop voltage

• Open load detection

• Overtemperature protection

• Short circuit proof

• Reverse polarity proof

• Wide temperature range: -40 °C < Tj < 150 °C

• Very small SMD-Package

• Green Product (RoHS compliant)

• AEC Qualified



 




Similar Part No. - TLE4241

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM Datasheet
261Kb / 15P
LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
TLE4241GM INFINEON-TLE4241GM Datasheet
137Kb / 15P
Adjustable Current LITIX??Linear
Rev. 1.4, 2015-10-05
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
TLE4241GM INFINEON-TLE4241GM_15 Datasheet
137Kb / 15P
Adjustable Current LITIX??Linear
Rev. 1.4, 2015-10-05
More results


Similar Description - TLE4241

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45020JZT1G ONSEMI-NSI45020JZT1G Datasheet
125Kb / 6P
Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45060DDT4G ONSEMI-NSI45060DDT4G Datasheet
143Kb / 6P
Adjustable Constant Current Regulator & LED Driver
February, 2010 ??Rev. 0
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
logo
ON Semiconductor
NSI50150ADT4G ONSEMI-NSI50150ADT4G Datasheet
177Kb / 9P
Adjustable Constant Current Regulator & LED Driver
August, 2012 ??Rev. 0
NSI45020JZ ONSEMI-NSI45020JZ_13 Datasheet
177Kb / 8P
Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45035JZ ONSEMI-NSI45035JZ_13 Datasheet
178Kb / 8P
Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
Adjustable LED constant current driver
logo
QX Micro Devices Co.,Lt...
QX7136 QXMD-QX7136 Datasheet
2Mb / 2P
LED constant current driver with adjustable output current
logo
Shenzhen Huazhimei Semi...
HM7203 HMSEMI-HM7203 Datasheet
1Mb / 7P
LED constant current adjustable driver
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
Adjustable Constant Current LED Driver
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com