Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4241 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4241
Description  LED Driver with Adjustable Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4241 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4241 Datasheet HTML 1Page - Infineon Technologies AG TLE4241 Datasheet HTML 2Page - Infineon Technologies AG TLE4241 Datasheet HTML 3Page - Infineon Technologies AG TLE4241 Datasheet HTML 4Page - Infineon Technologies AG TLE4241 Datasheet HTML 5Page - Infineon Technologies AG TLE4241 Datasheet HTML 6Page - Infineon Technologies AG TLE4241 Datasheet HTML 7Page - Infineon Technologies AG TLE4241 Datasheet HTML 8Page - Infineon Technologies AG TLE4241 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Data Sheet
2
Rev. 1.2, 2004-04-13
TLE 4241 GM
Circuit Description
Figure 1
Block Diagram
An internal reference voltage of typ. 1.20 V supplies the REF pin which is connected to
GND via an external resistor. In the SET = H mode the reference current flowing on the
REF pin is mirrored with an amplification to form the desired output current. The typ.
output current in the SET = H mode calculates:
(1)
The output current is shown as a function of the reference resistance on Page 10 for the
high as well as for the low current mode.
With the PWM input the LED brightness can be regulated via duty cycle. Also PWM = L
sets the TLE 4241 in sleep mode resulting in a very low current consumption of << 1
µA
typ. Due to the high impedance of the PWM input (see timing diagram
I
PWM versus VPWM
on Page 12) the PWM pin can thus also be used as an Enable input.
AEB03003
Regulation
High
Regulation
Low
Reference
Voltage
Q
REF
SET
PWM
ST
I
GND
IQtyp
,
/mA
1.20
RREF/kΩ
----------------------
487
0.1
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com