Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4241 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4241
Description  LED Driver with Adjustable Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4241 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4241 Datasheet HTML 1Page - Infineon Technologies AG TLE4241 Datasheet HTML 2Page - Infineon Technologies AG TLE4241 Datasheet HTML 3Page - Infineon Technologies AG TLE4241 Datasheet HTML 4Page - Infineon Technologies AG TLE4241 Datasheet HTML 5Page - Infineon Technologies AG TLE4241 Datasheet HTML 6Page - Infineon Technologies AG TLE4241 Datasheet HTML 7Page - Infineon Technologies AG TLE4241 Datasheet HTML 8Page - Infineon Technologies AG TLE4241 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Type
Ordering Code
Package
TLE 4241 GM
Q67006-A9644
P-DSO-8-9
LED Driver with Adjustable Current
TLE 4241 GM
P-DSO-8-3, -6, -7, -8, -9
Data Sheet
1
Rev. 1.2, 2004-04-13
Features
•
Adjustable constant output current
•
Wide input voltage range
•
Low drop voltage
•
Open load detection
•
Overtemperature protection
•
Short circuit proof
•
Reverse polarity proof
•
Wide temperature range: -40
°C < T
j < 150 °C
•
Very small SMD-Package
Functional Description
The TLE 4241 GM is an integrated adjustable constant current source. It provides an
output current adjustable via different means (SET, PWM, reference resistor) which is
kept nearly independent from load and supply voltage changes. The IC is designed to
supply LEDs under the severe conditions of automotive applications resulting in constant
brightness and extended LED lifetime. It is provided in the very small P-DSO-8-9
(Micro 8) package. Protection circuits prevent damage to the device in case of overload,
short circuit, reverse polarity and overtemperature. The connected LEDs are protected
against reverse polarity as well as excess voltages up to 45 V. A status output allows
handling of open load and short circuit at the main output.
A PWM input offers the possibility to adjust the LED brightness by pulse width
modulation.
With an implemented high/low current switch the output current level can be reduced e.g.
for brake/tail light application.
The implemented features such as adjustable output current, the high/low current switch
and the provided PWM input make the device well suited for a broad range of LED and
other applications.


Similar Part No. - TLE4241

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM Datasheet
261Kb / 15P
LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
TLE4241GM INFINEON-TLE4241GM Datasheet
137Kb / 15P
Adjustable Current LITIX??Linear
Rev. 1.4, 2015-10-05
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
TLE4241GM INFINEON-TLE4241GM_15 Datasheet
137Kb / 15P
Adjustable Current LITIX??Linear
Rev. 1.4, 2015-10-05
More results

Similar Description - TLE4241

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45020JZT1G ONSEMI-NSI45020JZT1G Datasheet
125Kb / 6P
Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45060DDT4G ONSEMI-NSI45060DDT4G Datasheet
143Kb / 6P
Adjustable Constant Current Regulator & LED Driver
February, 2010 ??Rev. 0
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
logo
ON Semiconductor
NSI50150ADT4G ONSEMI-NSI50150ADT4G Datasheet
177Kb / 9P
Adjustable Constant Current Regulator & LED Driver
August, 2012 ??Rev. 0
NSI45020JZ ONSEMI-NSI45020JZ_13 Datasheet
177Kb / 8P
Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45035JZ ONSEMI-NSI45035JZ_13 Datasheet
178Kb / 8P
Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
Adjustable LED constant current driver
logo
QX Micro Devices Co.,Lt...
QX7136 QXMD-QX7136 Datasheet
2Mb / 2P
LED constant current driver with adjustable output current
logo
Shenzhen Huazhimei Semi...
HM7203 HMSEMI-HM7203 Datasheet
1Mb / 7P
LED constant current adjustable driver
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
Adjustable Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com