Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4241 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4241
Description  LED Driver with Adjustable Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4241 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4241 Datasheet HTML 3Page - Infineon Technologies AG TLE4241 Datasheet HTML 4Page - Infineon Technologies AG TLE4241 Datasheet HTML 5Page - Infineon Technologies AG TLE4241 Datasheet HTML 6Page - Infineon Technologies AG TLE4241 Datasheet HTML 7Page - Infineon Technologies AG TLE4241 Datasheet HTML 8Page - Infineon Technologies AG TLE4241 Datasheet HTML 9Page - Infineon Technologies AG TLE4241 Datasheet HTML 10Page - Infineon Technologies AG TLE4241 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TLE 4241 GM
Data Sheet
7
Rev. 1.2, 2004-04-13
Table 3
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Input voltage
V
I
445
V
–
Status output voltage
V
ST
–16
V
–
SET voltage
V
SET
040
V
–
PWM voltage
V
PWM
040
V
–
Junction temperature
T
j
-40
150
°C–
Reference Resistor
R
REF
7100
k
Ω
SET = H
4.7
18
k
Ω
SET = L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com