Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4241 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4241
Description  LED Driver with Adjustable Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4241 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4241 Datasheet HTML 6Page - Infineon Technologies AG TLE4241 Datasheet HTML 7Page - Infineon Technologies AG TLE4241 Datasheet HTML 8Page - Infineon Technologies AG TLE4241 Datasheet HTML 9Page - Infineon Technologies AG TLE4241 Datasheet HTML 10Page - Infineon Technologies AG TLE4241 Datasheet HTML 11Page - Infineon Technologies AG TLE4241 Datasheet HTML 12Page - Infineon Technologies AG TLE4241 Datasheet HTML 13Page - Infineon Technologies AG TLE4241 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Data Sheet
10
Rev. 1.2, 2004-04-13
TLE 4241 GM
Typical Performance Characteristics
Output Current versus
External Resistor, SET = H
Output Current versus
Supply Voltage, SET = H
Output Current versus
External Resistor, SET = L
Output Current versus
Supply Voltage, SET = L
AED03333.VSD
5
R
REF
I
Q
0
10
20
30
40
50
60
70
80
100
10
20
50
100
k
Ω
mA
SET = H
V
Q = 6 V
AED03335.VSD
0
V
I
V
0
10
30
50
70
20
40
60
80
100
5
1015 2025 30
40
V
Q = 6 V
R
REF = 10 kΩ
SET = H
mA
I
Q
AED03334.VSD
5
R
REF
I
Q
0
2
4
6
8
10
12
14
16
20
10
20
50
100
k
Ω
mA
SET = L
V
Q = 6 V
AED03336.VSD
0
V
I
V
0
2
6
10
14
4
8
12
16
20
5
1015 2025 30
40
V
Q = 6 V
R
REF = 10 kΩ
SET = L
mA
I
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com