Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM13C Datasheet (PDF) - Silicon Touch Technology Inc.

DM13C Datasheet PDF - Silicon Touch Technology Inc.
Part # DM13C
Download  DM13C Download
File Size   694.64 Kbytes
Page   27 Pages
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.
Description Maximum output voltage: 17V

DM13C Datasheet (PDF)

Go To PDF Page Download Datasheet
DM13C Datasheet PDF - Silicon Touch Technology Inc.

Part # DM13C
Download  DM13C Click to download

File Size   694.64 Kbytes
Page   27 Pages
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.
Description Maximum output voltage: 17V

DM13C Datasheet (HTML) - Silicon Touch Technology Inc.




Similar Part No. - DM13C

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM130036 DAVICOM-DM130036 Datasheet
1Mb / 28P
15V / 30V Selectable Output & 40 Hi-V Channels Driver IC
logo
Power-One
DM1301-7R POWER-ONE-DM1301-7R Datasheet
146Kb / 4P
50 Watt DC-DC Converters
logo
Davicom Semiconductor, ...
DM130120 DAVICOM-DM130120 Datasheet
1Mb / 26P
15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
logo
ITT Industries
DM130338 ITT-DM130338 Datasheet
9Mb / 301P
D Subminiature Connectors
DM130338-1 ITT-DM130338-1 Datasheet
9Mb / 301P
D Subminiature Connectors
More results


Similar Description - DM13C

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
42-DL211B SITI-42-DL211B Datasheet
114Kb / 6P
Maximum output voltage: 17V
DM117 SITI-DM117 Datasheet
602Kb / 22P
Maximum output voltage: 17V
DM11H SITI-DM11H Datasheet
446Kb / 23P
Maximum output voltage: 17V
DM137 SITI-DM137 Datasheet
768Kb / 32P
Maximum output voltage: 17V
DM13G SITI-DM13G Datasheet
550Kb / 26P
Maximum output voltage: 17V
DM13H SITI-DM13H Datasheet
596Kb / 26P
Maximum output voltage: 17V
DM13H-E SITI-DM13H-E Datasheet
508Kb / 25P
Maximum output voltage: 17V
DM631B SITI-DM631B Datasheet
920Kb / 31P
Maximum output voltage: 17V
DM632B SITI-DM632B Datasheet
953Kb / 31P
Maximum output voltage: 17V
DM632C SITI-DM632C Datasheet
697Kb / 25P
Maximum output voltage: 17V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com