Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM13C Datasheet(PDF) 8 Page - Silicon Touch Technology Inc.

Part # DM13C
Description  Maximum output voltage: 17V
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13C Datasheet(HTML) 8 Page - Silicon Touch Technology Inc.

Back Button DM13C Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 9Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 10Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 11Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 12Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.006
Page 7
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13C
Switching Characteristics (VCC = 5.0V, Ta = 25C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Propagation Delay
(
‘L’ to ‘H’)
EN-to-OUT15
tpLH
VIH = VCC
VIL = GND
Rrext = 2.2 K
VL = 5.0 V
RL = 180
CL
*1
= 13 pF
16
ns
LAT-to-OUT15
28.5
DCK-to-DAO
18
Propagation Delay
(
‘H’ to ‘L’)
EN-to-OUT15
tpHL
18
LAT-to-OUT15
20.5
DCK-to-DAO
16
Output Current Rise Time
tor
17
Output Current Fall Time
tof
15
Output Delay Time (OUT(n)-to-OUT(n+1))
tod
2.2
Switching Characteristics (VCC = 3.3V, Ta = 25C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Propagation Delay
(
‘L’ to ‘H’)
EN-to-OUT15
tpLH
VIH = VCC
VIL = GND
Rrext = 2.2 K
VL = 5.0 V
RL = 180
CL
*1
= 13 pF
64
ns
LAT-to-OUT15
57
DCK-to-DAO
25
Propagation Delay
(
‘H’ to ‘L’)
EN-to-OUT15
tpHL
17.5
LAT-to-OUT15
25
DCK-to-DAO
20
Output Current Rise Time
tor
50
Output Current Fall Time
tof
15
Output Delay Time (OUT(n)-to-OUT(n+1))
tod
2.2
OUTn
DAO
REXT
VCC
Rrext
CL
CL
RL
VL
Switching Characteristics Test Circuit
*1 CL means the probe capacitance of oscilloscope.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com