Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM13C Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # DM13C
Description  Maximum output voltage: 17V
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13C Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM13C Datasheet HTML 1Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 2Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.006
Page 1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13C
DM13C
16-bit Constant Current LED Driver
with Error Detection
General Description
DM13C is a constant-current sink driver specifically designed for LED display applications.
The device incorporates shift registers, data latches, and constant current circuitry on the silicon
CMOS chip. The maximum output current value of all 16 channels is adjustable by a single external
resistor. Its built-in open/short detection circuits help users detect LED failures. System retrieve the
error messages to indicate which channel has failure by serial output data. The thermal shutdown
function provides the over temperature protection.
Features
 Constant-current outputs: 5mA to 90mA adjustable by one external resistor
 Maximum output voltage: 17V
 Maximum clock frequency: 25MHz
 Built-in real-time LED open/short detection
 Fast detecting response: 0.1us (min.)
 Over temperature protection: thermal shutdown (junction temperature > 180°C)
 Package and pin assignment compatible to conventional LED drivers (ST2221C, DM134/5/6)
 Power supply voltage: 3.3V to 5.5V
 Bit-to-bit skew : ±3% @ 25mA~90mA
Chip-to-chip skew :
±6% @ 25mA~90mA
±6% @
5mA~25mA
±10% @
5mA~25mA
Applications
 Indoor/Outdoor LED Video Display
 LED Variable Message Signs (VMS) System
Package Types
 DIP24, SOP24, SOP24B, SSOP24, TSSOP24 (with exposed pad), QFN32 (with exposed pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com