Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM13C Datasheet(PDF) 22 Page - Silicon Touch Technology Inc.

Part # DM13C
Description  Maximum output voltage: 17V
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13C Datasheet(HTML) 22 Page - Silicon Touch Technology Inc.

Back Button DM13C Datasheet HTML 18Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 19Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 20Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 21Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 22Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 23Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 24Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 25Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 26Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.006
Page 21
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13C
Package Outline Dimension
DM13C-SSOP
DIMENSION IN MM
DIMENSION IN INCH
A
1.346
1.626
1.753
0.053
0.064
0.069
A1
0.102
0.152
0.254
0.004
0.006
0.010
A2
-
-
1.499
-
-
0.059
b
0.203
-
0.305
0.008
-
0.012
C
0.178
-
0.254
0.007
-
0.010
D
8.560
8.661
8.738
0.337
0.341
0.344
E
5.791
5.994
6.198
0.228
0.236
0.244
e
0.635
BSC
0.025
BSC
E1
3.810
3.912
3.988
0.150
0.154
0.157
L
0.406
0.635
1.270
0.016
0.025
0.050
L1
1.041 BSC
0.0409 BSC
θ°
0
-
8
0
-
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com