Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM13C Datasheet(PDF) 21 Page - Silicon Touch Technology Inc.

Part # DM13C
Description  Maximum output voltage: 17V
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13C Datasheet(HTML) 21 Page - Silicon Touch Technology Inc.

Back Button DM13C Datasheet HTML 17Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 18Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 19Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 20Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 21Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 22Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 23Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 24Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 25Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.006
Page 20
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13C
Package Outline Dimension
DM13C-DIP(Shr)
SYMBOL
DIMENSION IN MM
DIMENSION IN INCH
A
-
-
5.334
-
-
0.21
A1
0.381
-
-
0.015
-
-
A2
3.175
3.302
3.429
0.125
0.130
0.135
b
-
1.016
-
-
0.04
-
b1
-
0.457
-
-
0.457
-
D
22.352
22.860
23.368
0.880
0.900
0.920
E
7.620 BSC
0.3 BSC
E1
6.223
6.350
6.477
0.245
0.250
0.255
e
-
1.778
-
-
0.070
-
eB
8.509
9.017
9.525
0.335
0.355
0.375
L
2.921
3.302
3.810
0.115
0.13
0.150
S
-
-
-
-
-
-
θ°
0
7
15
0
7
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com