Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM13C Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # DM13C
Description  Maximum output voltage: 17V
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13C Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  DM13C Datasheet HTML 1Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 2Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.006
Page 3
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13C
Pin Connection
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
OUT0
OUT1
OUT2
OUT3
VDD
REXT
DAO
EN
GND
DCK
LAT
OUT15
OUT14
OUT13
OUT12
DAI
DIP24
SOP24
SSOP24
TSSOP24
(top view)
9
10
11
12
16
15
14
13
OUT4
OUT5
OUT6
OUT7
OUT11
OUT10
OUT9
OUT8
Pin Description
PIN No.
PIN NAME
FUNCTION
DIP24/SOP24/SSOP24/TSSOP24: 1
TSSOP24: exposed pad
QFN32: 1, 2, 5, 6, 7, 8, 12, 29,
exposed pad
GND
Ground terminal.
DIP24/SOP24/SSOP24/TSSOP24: 2
QFN32: 9
DAI
Serial data input terminal.
DIP24/SOP24/SSOP24/TSSOP24: 3
QFN32: 10
DCK
Synchronous clock input terminal for serial data transfer. Data
is sampled at the rising edge of DCK.
DIP24/SOP24/SSOP24/TSSOP24: 4
QFN32: 11
LAT
Input terminal of data strobe. Data on shift register goes
through at the rising edge of LAT (edge trigger). Otherwise,
data is latched.
DIP24/SOP24/SSOP24/TSSOP24: 5~20
QFN32: 13~28
OUT0~15 Sink constant-current outputs (open-drain).
DIP24/SOP24/SSOP24/TSSOP24: 21
QFN32: 30
EN
Output enable terminal:
‘H’ for all outputs are turned off ,
‘L’ for all outputs are active.
DIP24/SOP24/SSOP24/TSSOP24: 22
QFN32: 31
DAO
Serial data output terminal.
DIP24/SOP24/SSOP24/TSSOP24: 23
QFN32: 32
REXT
External resistors connected between REXT and GND for
output current value setting.
QFN32
(bottom view)
1
2
3
32
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
GND
OUT4
OUT5
OUT6
OUT7
VDD
OUT11
OUT10
OUT9
OUT8
GND
GND
GND
GND
GND
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com